データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DBD-R2V1

  • AI
    Based on the technical designation, the **DBD-R2V1** refers to a specific revision of a **Dielectric Barrier Discharge (DBD)** driver or reactor control board. These components are primarily used in ozone generation, plasma surface treatment, and chemical vapor deposition. --- ### 1. Core Component Overview The DBD-R2V1 is typically an **HV (High Voltage) Power Supply/Driver** designed to excite gases between two electrodes separated by a dielectric material. | Component Category | Typical Parts / Functions | | :--- | :--- | | **Power Stage** | MOSFETs or IGBTs (often in a Full-Bridge or Half-Bridge configuration). | | **Step-Up Transformer** | High-frequency ferrite core transformer to boost voltage to 5kV–20kV. | | **Control Logic** | Microcontroller (MCU) or PWM controller (e.g., TL494 or SG3525). | | **Feedback Loop** | Resonant frequency tracking to maintain optimal plasma discharge. | | **Dielectric Interface** | Connectors for quartz, ceramic, or glass barrier tubes. | --- ### 2. Key Electronic Features The "R2V1" (Revision 2, Version 1) usually incorporates specific electronic improvements over base models: * **Pulse Width Modulation (PWM):** Allows for the adjustment of plasma intensity by varying the duty cycle. * **Resonant Inverter Topologies:** Uses LC circuits to minimize switching losses (Soft Switching). * **Thermal Protection:** Integrated thermistors to shut down the board if the transformer or power transistors overheat. * **Frequency Tuning:** Ability to adjust the output frequency (typically 5kHz to 50kHz) to match the capacitive load of the DBD reactor. --- ### 3. Circuit Block Diagram Below is a simplified representation of how the electronics are structured: ```mermaid graph LR A[DC Input 12V/24V] --> B[PWM Controller] B --> C[Power MOSFET Bridge] C --> D[HF High Voltage Transformer] D --> E[DBD Reactor/Load] E -.-> F[Current/Voltage Feedback] F --> B ``` --- ### 4. Technical Specifications (Typical) While exact specs depend on the manufacturer, boards labeled DBD-R2V1 generally fall within these parameters: * **Input Voltage:** 12V - 24V DC or 110V/220V AC (depending on the integrated rectifier). * **Output Voltage:** 5kVp-p to 15kVp-p (Peak-to-Peak). * **Operating Frequency:** 10kHz – 40kHz. * **Cooling Requirement:** Passive heatsink or active fan cooling for the power transistors. --- ### 5. Common Applications 1. **Ozone Generators:** Generating $O_3$ for water purification or air sterilization. 2. **Plasma Actuators:** Used in aerodynamic research to control airflow. 3. **Surface Activation:** Preparing plastics or metals for printing/bonding by increasing surface energy.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout diagrams for the DBD-R2V1 input/output connectors?
    • ⤷ How do I adjust the resonant frequency on this specific board revision?
    • ⤷ What are the common failure modes for the HV transformer on the R2V1?