データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DE09PAM1-R-BL

  • AI
    ## Understanding the DE09PAM1-R-BL Connector The **DE09PAM1-R-BL** is a specific type of D-Subminiature (D-Sub) connector widely used in serial communications and industrial interfacing. It follows the standard "E" size shell architecture with 9 pins, commonly referred to as a DB9 connector. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Connector Type** | D-Subminiature | | **Number of Positions** | 9 Pins | | **Gender** | Male (Plug) | | **Mounting Style** | Right Angle, Through-Hole (PCB) | | **Shell Size** | E (DE-9) | | **Contact Plating** | Gold (typically Flash or 15µin-30µin depending on sub-series) | | **Body Orientation** | Right Angle (90°) | | **Color** | Black (BL suffix indicates insulator color) | | **Locking Mechanism** | Riveted Nut / Boardlock (R suffix) | --- ### Component Breakdown The part number can be decoded to understand its physical attributes: 1. **DE**: Refers to the shell size (E) and the D-Sub series. 2. **09**: Indicates the number of contacts (9 pins). 3. **P**: Indicates **Plug** (Male pins). 4. **A**: Refers to the mounting type (often Right Angle PCB mount). 5. **M1**: Denotes the mounting hardware configuration (e.g., specific hole diameters or threading). 6. **R**: Usually stands for **Boardlock** or **Riveted** standoffs, ensuring the connector stays physically secured to the PCB during soldering. 7. **BL**: Specifies the **Black** color of the plastic insulator (housing). --- ### Key Applications * **RS-232 Serial Port:** The most common use for 9-pin D-sub connectors in legacy PC hardware and industrial controllers. * **CAN bus Interfaces:** Frequently used in automotive and industrial networking. * **Embedded Systems:** Provides a robust physical interface for debugging or peripheral connection on a PCB. --- ### Footprint & PCB Layout Since this is a **Right Angle** connector, the pins are bent at 90 degrees to allow the connector to sit on the edge of a Printed Circuit Board. * **Pitch:** Standard D-sub spacing (approx. 2.77mm between pins). * **Stability:** The "R" (Boardlock) feature provides mechanical strain relief, preventing the solder joints from cracking when a cable is repeatedly plugged and unplugged.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'P' (Male) and 'S' (Female) versions of this connector regarding PCB footprint?
    • ⤷ Can this connector be used for high-speed data transmission beyond RS-232?
    • ⤷ What are the common alternatives to the DE09 for modern industrial designs?