データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DF152S

  • AI
    ### Overview of the DF152S Bridge Rectifier The **DF152S** is a miniature, surface-mount (SMD) glass passivated bridge rectifier. It is primarily used to convert Alternating Current (AC) into Direct Current (DC) in power supplies and small electronic appliances. --- ### Technical Specifications The following table outlines the primary electrical characteristics of the DF152S: | Parameter | Value | Unit | | :--- | :--- | :--- | | **Maximum Recurrent Peak Reverse Voltage ($V_{RRM}$)** | 200 | Volts | | **Maximum RMS Voltage ($V_{RMS}$)** | 140 | Volts | | **Maximum DC Blocking Voltage ($V_{DC}$)** | 200 | Volts | | **Maximum Average Forward Rectified Current ($I_{F(AV)}$)** | 1.5 | Amperes | | **Peak Forward Surge Current ($I_{FSM}$)** | 50 | Amperes | | **Operating Temperature Range ($T_J$)** | -55 to +150 | °C | | **Package Type** | DFS (Surface Mount) | - | --- ### Key Features and Construction 1. **Glass Passivated Die Construction:** The internal diode junctions are coated with a layer of glass, which improves reliability and protects the chip from moisture and contaminants. 2. **Low Forward Voltage Drop:** Typically around 1.1V per element at 1.5A, which minimizes power loss and heat generation. 3. **High Surge Current Capability:** It can handle a non-repetitive peak surge of up to 50 Amps for a short duration (8.3ms half sine-wave), making it resilient against initial power-on inrush currents. 4. **Compact DFS Package:** Designed for automated placement on Printed Circuit Boards (PCBs), saving space compared to through-hole components. --- ### Pin Configuration and Application The DF152S has four pins, usually marked on the body of the component: * **AC Pins (~):** Two pins where the input alternating current is connected. * **Positive Pin (+):** The rectified DC output (High). * **Negative Pin (-):** The rectified DC output (Ground/Common). #### Typical Applications: * **AC/DC Adapters:** Used in chargers for laptops and smartphones. * **Switch Mode Power Supplies (SMPS):** Acts as the primary rectification stage. * **LED Lighting:** Converting mains voltage to DC for LED drivers. * **Home Appliances:** Powering control circuits in washing machines or microwaves. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the DF152S and the DF154S?
    • ⤷ How do you calculate the power dissipation for a bridge rectifier like the DF152S?
    • ⤷ What are the recommended soldering profiles for the DFS package?