データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DFE201210U-R33M_18

  • AI
    The **DFE201210U-R33M=P2** (often abbreviated as DFE201210U-R33M) is a high-performance, metal alloy core power inductor manufactured by **Murata Electronics**. It is specifically designed for high-density power supply circuits in mobile devices and compact electronics. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics. | Feature | Specification | Detail | | :--- | :--- | :--- | | **Inductance** | 0.33 µH | Measured at 1MHz | | **Tolerance** | ±20% | Standard for power inductors | | **Rated Current (Isat)** | 5.3 A | Max current based on inductance change (30% drop) | | **Rated Current (Itemp)** | 4.2 A | Max current based on temperature rise (40°C) | | **DC Resistance (DCR)** | 21 mΩ (Max) | Low resistance for high efficiency | | **Case Size (Metric)** | 2012 (2.0 x 1.2 mm) | Compact SMD footprint | | **Height** | 1.0 mm (Max) | Low profile design | --- ### 2. Core Material and Construction The "DFE" series utilizes **Metal Alloy** technology rather than traditional ferrite: * **Metal Powder Core:** The inductor is made by pressing metal powder around the coil. This allows for a "soft" saturation characteristic, meaning the inductance doesn't drop off sharply when current increases. * **Magnetic Shielding:** The molded structure inherently provides magnetic shielding, which minimizes Electromagnetic Interference (EMI) with surrounding components on the PCB. * **High Power Density:** Because metal alloys can handle higher flux densities, this part provides higher current ratings than ferrite inductors of the same size. --- ### 3. Common Applications This component is typically found in DC-DC converter circuits (Buck/Boost converters) for: * **Smartphones & Tablets:** Battery management systems and CPU/GPU power rails. * **Wearables:** Smartwatches and fitness trackers where space is at a premium. * **Portable SSDs:** Powering high-speed controllers. --- ### 4. Advantages & Limitations * **Pros:** * Excellent saturation current performance for its size. * Low acoustic noise (buzz) compared to wire-wound ferrite inductors. * AEC-Q200 options often available (check specific suffix for automotive). * **Cons:** * Higher DC resistance (DCR) compared to much larger inductors. * Sensitive to extreme reflow temperatures (must follow Murata soldering profiles). ---
    ✨ Follow-up Questions
    • ⤷ How does the saturation current (Isat) of metal alloy inductors compare to ferrite core inductors?
    • ⤷ What are the PCB layout recommendations for reducing EMI with the DFE201210U?
    • ⤷ Can this inductor be used in automotive infotainment systems?