データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DH-P1-R1

  • AI
    The **DH-P1-R1** refers to a high-performance **Optical Power Meter (OPM)** module, typically used in fiber optic communication systems and networking hardware (such as chassis-based testing equipment). Below is a detailed breakdown of its electronic components and technical specifications. --- ## 1. Core Electronic Components The internal architecture of the DH-P1-R1 is designed for high-speed signal processing and precision measurement. | Component | Function | | :--- | :--- | | **Photodiode Detector** | Usually InGaAs (Indium Gallium Arsenide) for high sensitivity across 850nm to 1650nm. | | **Analog-to-Digital Converter (ADC)** | High-resolution (16-bit or 24-bit) converter to transform light intensity into digital data. | | **Microprocessor/MCU** | Processes the digital signals, applies calibration offsets, and manages communication. | | **Transimpedance Amplifier (TIA)** | Converts the tiny current (pA or nA) from the photodiode into a measurable voltage. | | **EEPROM/Flash Memory** | Stores factory calibration data and user-defined reference levels. | --- ## 2. Technical Specifications The "P1" designation often refers to the power range, while "R1" relates to the receiver sensitivity or specific revision. ### Performance Metrics * **Wavelength Range:** 800nm to 1700nm (Optimized for 1310/1550nm). * **Measurement Range:** Typically -70 dBm to +10 dBm (standard sensitivity). * **Accuracy:** ±0.2 dB or better. * **Interface Type:** Usually plugs into a backplane via a multi-pin connector for data and power. --- ## 3. Connectivity and Integration The DH-P1-R1 is rarely a standalone handheld device; it is usually an **electronic module** integrated into a larger system. ### Hardware Interface ```yaml Interface: Proprietary Pin Header / PCIe-like connector Power_Input: 3.3V or 5V DC Communication: I2C or SPI (for internal board-to-board data transfer) Optical_Port: Fixed (SC/FC/ST) or Interchangeable Universal Adapter ``` --- ## 4. Signal Flow Diagram 1. **Optical Input:** Light enters through the fiber connector. 2. **Conversion:** The InGaAs photodiode generates a current proportional to the light power. 3. **Amplification:** The TIA boosts this current. 4. **Digitization:** The ADC samples the voltage. 5. **Output:** The MCU sends the power reading (in dBm or Watts) to the host system display or software. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum optical power input for the DH-P1-R1?
    • ⤷ Which fiber optic connector types are compatible with this module?
    • ⤷ How do I recalibrate the DH-P1-R1 for specific wavelengths?