データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DH-R

  • AI
    The **DH-R** series (often referring to specialized industrial relays or specific high-current connectors depending on the manufacturer, such as Panasonic or Hirose) typically centers around power management and signal integrity. Below is an overview of the electronic components and technical specifications generally associated with "DH-R" series electronic parts. --- ### 1. Key Component Categories The designation "DH-R" is most commonly associated with **Power Relays** and **Interface Connectors**. | Component Type | Primary Function | Key Features | | :--- | :--- | :--- | | **Power Relays** | Switching high-current loads | High insulation, compact footprint, and surge resistance. | | **Interface Connectors** | High-speed data transmission | Robust shielding, EMI protection, and "D-shell" style durability. | | **Resistors (Series R)** | Current limiting/Shunting | Precision resistance values with low thermal drift. | --- ### 2. Technical Specifications (Industrial Standards) If referring to the widely used **Industrial Relays (DH-R Style)**, the electronic architecture usually includes: * **Coil Assembly:** Wound copper wire designed for specific DC voltages (typically 5V, 12V, or 24V). * **Contact Material:** Often AgSnO2 (Silver Tin Oxide) to prevent welding under high inductive loads. * **Arc Shielding:** Internal geometry designed to extinguish electrical arcs quickly to extend component life. ### 3. Connection & Circuit Integration In a typical PCB layout, DH-R components utilize specific footprints to handle heat dissipation and signal noise. ```cpp // Conceptual Logic for Controlling a DH-R Relay via Microcontroller int relayPin = 8; void setup() { pinMode(relayPin, OUTPUT); // Sets the DH-R trigger pin } void loop() { digitalWrite(relayPin, HIGH); // Energizes the coil, closing the circuit delay(5000); // Wait 5 seconds digitalWrite(relayPin, LOW); // De-energizes the coil, opening the circuit delay(5000); } ``` --- ### 4. Safety and Compliance Electronic parts in this series are built to meet rigorous industrial standards: 1. **RoHS Compliance:** Lead-free construction. 2. **Dielectric Strength:** Usually rated for 2,500V AC or higher between contact and coil. 3. **UL/CSA Ratings:** Certified for high-voltage switching in North American markets.
    ✨ Follow-up Questions
    • ⤷ Are you referring to a specific manufacturer for the DH-R part
    • ⤷ such as Panasonic or Hirose?
    • ⤷ Do you need the pinout diagram for a DH-R series power relay?
    • ⤷ Are you looking for equivalent replacement parts for a DH-R component?