データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DLC-2C1-R

  • AI
    ## Detailed Overview of the DLC-2C1-R The **DLC-2C1-R** is an industrial-grade electronic component, typically categorized as a **Limit Switch** or **Micro Switch** often utilized in elevator systems, automated machinery, and safety interlock applications. --- ### 1. Technical Specifications The following table outlines the primary electrical and mechanical characteristics of the device: | Feature | Specification | | :--- | :--- | | **Type** | Double Circuit Limit Switch | | **Contact Configuration** | 1NO (Normally Open) + 1NC (Normally Closed) | | **Rated Voltage** | 250V AC / 125V DC (Typical) | | **Rated Current** | 5A to 10A (Depending on load type) | | **Actuator Type** | Roller Plunger / Lever (Model specific) | | **Housing Material** | Die-cast Aluminum or High-strength Plastic | | **Protection Rating** | IP65 / IP67 (Dust-tight and Water-resistant) | | **Operating Temperature** | -10°C to +80°C | --- ### 2. Key Electronic Components & Internal Mechanics The "Electronic" side of this part refers to its electromechanical switching mechanism: * **Contacts:** Usually made of **Silver Alloy**. This ensures high conductivity and resists oxidation/arcing during high-frequency switching. * **Bifurcated Contact System:** The "2C" in the name often implies a double-break or double-circuit design, allowing it to control two separate circuits simultaneously. * **Snap-Action Mechanism:** Internally, it uses a spring-loaded mechanism that ensures the transition between ON and OFF states happens rapidly, regardless of the speed of the external physical trigger. * **Terminal Block:** Features screw-type terminals for secure wiring, often housed within a protective chamber to prevent short circuits. --- ### 3. Common Applications Due to its robust design, the DLC-2C1-R is used in environments where reliability is critical: 1. **Elevator Systems:** Monitoring door positions or car leveling. 2. **Industrial Conveyors:** Detecting the presence or position of items on a belt. 3. **Machine Tools:** Emergency stop triggers or axis limit detection for CNC machines. 4. **Safety Interlocks:** Ensuring a protective guard is closed before a machine can operate. --- ### 4. Wiring Logic The device typically follows a standard terminal layout: * **Terminals 11-12:** NC (Normally Closed) circuit. * **Terminals 23-24:** NO (Normally Open) circuit. * **Grounding:** An internal screw is usually provided for earthing the metal casing.
    ✨ Follow-up Questions
    • ⤷ What are the specific installation requirements for the DLC-2C1-R in elevator systems?
    • ⤷ How does the IP67 rating protect the internal electronic contacts from harsh environments?
    • ⤷ Can the DLC-2C1-R be used in high-voltage DC applications?