DM05FA151JO3-SA-R02
AI

The part number **DM05FA151JO3-SA-R02** refers to a high-precision **Mica Capacitor** manufactured by Cornell Dubilier (CDE). These components are known for their exceptional stability and reliability in RF (Radio Frequency) and high-frequency applications.
---
## 1. Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Capacitance** | 150 pF (Picofarads) |
| **Tolerance** | ±5% (indicated by 'J') |
| **Voltage Rating** | 500 VDC |
| **Dielectric Material** | Silver Mica |
| **Operating Temperature** | -55°C to +125°C |
| **Case Type** | Dipped Mica (Radial Leads) |
| **Termination** | Standard Lead (usually Sn/Ag/Cu or similar) |
---
## 2. Key Features and Characteristics
### High Stability
Silver mica capacitors are renowned for their extremely low drift over time. They maintain their capacitance value even under fluctuating environmental conditions, making them ideal for timing circuits.
### Low Loss (High Q Factor)
These capacitors exhibit very low ESR (Equivalent Series Resistance) and high "Q" (Quality Factor). This makes them efficient in high-frequency power applications where heat dissipation must be minimized.
### Voltage Handling
With a **500V** rating, this specific part is designed for high-voltage environments where standard ceramic capacitors might fail or exhibit significant capacitance change due to voltage stress.
---
## 3. Typical Applications
* **RF Oscillators:** Used to set precise frequencies in radio transmitters and receivers.
* **Filter Circuits:** Essential in high-performance low-pass, high-pass, and band-pass filters.
* **Snubber Circuits:** Employed in power supplies to suppress voltage spikes.
* **Audio Equipment:** Sometimes used in high-end audio crossovers and pre-amps for their linear characteristics.
---
## 4. Part Number Breakdown (Partial)
| Code Segment | Meaning |
| :--- | :--- |
| **DM** | Dipped Mica Series |
| **05** | Case Size / Body Dimensions |
| **151** | Capacitance Code (15 followed by one 0 = 150) |
| **J** | Tolerance (±5%) |
| **O3** | Voltage (O3 corresponds to 500V) |
- ⤷
What are the main differences between Mica and Ceramic capacitors in RF circuits?
- ⤷ Can this capacitor be used in SMD (Surface Mount) designs?
- ⤷ How does the 'Q factor' of this component affect circuit performance?