DM10CD102JO3-RHR02
AI

The part number **DM10CD102JO3-RHR02** corresponds to a high-precision Silver Mica capacitor. These components are renowned for their stability, high Q factor, and reliability in RF (Radio Frequency) applications.
---
### 1. Technical Specifications Breakdown
The part number follows a specific nomenclature used by manufacturers (typically CDE - Cornell Dubilier).
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Silver Mica Capacitor | Uses silver electrodes screened onto mica sheets. |
| **Capacitance** | 1000 pF (1nF) | Represented by the "102" code (10 + 2 zeros). |
| **Tolerance** | ±5% | Indicated by the "J" character. |
| **Voltage Rating** | 500 VDC | Standard for the DM10 case size. |
| **Case Size** | DM10 | Standard dipped mica package dimensions. |
| **Temperature Range** | -55°C to +125°C | High thermal stability. |
| **Lead Style** | Radial Leaded | Through-hole mounting. |
---
### 2. Key Electronic Characteristics
* **Low Dissipation Factor:** Silver mica capacitors have extremely low losses, making them ideal for high-frequency circuits where heat generation must be minimized.
* **High Stability:** They exhibit a very small change in capacitance over time (aging) and under varying temperatures (Temperature Coefficient).
* **Voltage Withstanding:** With a 500V rating, this part is suitable for power stages in transmitters or high-voltage coupling.
* **High Q Factor:** Because mica is a natural mineral with excellent dielectric properties, the "Quality Factor" is much higher than that of standard ceramic capacitors.
---
### 3. Common Applications
Due to the precision and stability of the **DM10CD102JO3**, it is commonly found in:
1. **RF Oscillators:** Maintaining a stable frequency in radio equipment.
2. **Filter Networks:** Used in low-pass, high-pass, and band-pass filters where tight tolerance is required.
3. **Tuning Circuits:** Found in older high-fidelity audio equipment and amateur radio gear.
4. **Snubber Circuits:** Used in low-power pulse applications due to its high voltage handling.
---
### 4. Comparison with Alternatives
| Feature | Silver Mica (DM10) | Ceramic (MLCC) | Film Capacitor |
| :--- | :--- | :--- | :--- |
| **Precision** | Very High | Moderate | High |
| **Temperature Stability** | Excellent | Poor (X7R) to Good (C0G) | Moderate |
| **Cost** | High | Very Low | Moderate |
| **Durability** | High | Low (Fragile) | High |
- ⤷
What is the significance of the 'RHR02' suffix in this manufacturer's part number?
- ⤷ Can a C0G/NP0 ceramic capacitor be used as a direct substitute for this silver mica part?
- ⤷ How does the '102' capacitance code translate to microfarads (uF)?