データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DM15CD102JO3-RHR02

  • AI
    ## Technical Analysis of DM15CD102JO3-RHR02 The **DM15CD102JO3-RHR02** is a high-precision Silver Mica capacitor. These components are renowned for their high stability, low loss, and reliability in RF (Radio Frequency) and high-frequency circuit applications. --- ### 1. Component Specifications Based on the part numbering standard (typically following Cornell Dubilier/CDE specifications), here is the breakdown of the technical characteristics: | Parameter | Specification | Description | |:---|:---|:---| | **Capacitance** | 1000 pF (1nF) | The storage capacity of the component. | | **Tolerance** | ±5% (J) | The allowable variance from the nominal capacitance. | | **Voltage Rating** | 500V DC | The maximum continuous DC voltage it can handle. | | **Dielectric Material** | Silver Mica | Provides excellent temperature stability. | | **Case Style** | DM15 | Standard dipped mica package size. | | **Operating Temp** | -55°C to +125°C | Designed for extreme environment performance. | --- ### 2. Key Features and Benefits Silver Mica capacitors like this one possess unique physical properties: * **Low Dissipation Factor:** They exhibit very low energy loss, making them ideal for high-Q tuned circuits. * **Excellent Stability:** The capacitance remains remarkably constant despite changes in temperature, frequency, or time. * **High Voltage Handling:** Compared to ceramic capacitors of the same size, silver mica can handle significant voltage stress. * **Tight Tolerances:** Often available in ranges where other dielectrics fluctuate too much. --- ### 3. Common Applications Due to its 1000pF value and high stability, this part is typically used in: 1. **RF Oscillators:** Used to set the frequency in radio transmitters and receivers. 2. **Filter Networks:** Critical in band-pass or low-pass filters where precise cutoff frequencies are required. 3. **Timing Circuits:** Used where the "drift" of the timing must be minimized over years of operation. 4. **Audio Equipment:** Sometimes found in high-end tube amplifiers for signal coupling or tone control due to their "clean" sonic characteristics. --- ### 4. Part Number Breakdown (Logic) | Segment | Meaning | |:---|:---| | **DM15** | Case size/style (Small Dipped Mica). | | **CD** | Characteristic code (Temp. coefficient and drift). | | **102** | Capacitance code: **10** followed by **2** zeros = 1000 pF. | | **J** | Tolerance code: J = ±5%. | | **O3** | Voltage code: O3 usually denotes 500V. | ---
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between Silver Mica and Ceramic capacitors in RF circuits?
    • ⤷ Is there a lead-free (RoHS) compliant version of this specific part?
    • ⤷ Can this capacitor be used in AC power filtering applications?