データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DM74LS191

  • AI
    ## Overview of the DM74LS191 The **DM74LS191** is a synchronous, reversible up/down binary counter. It is a member of the Low-power Schottky (LS) TTL family, designed for high-speed digital applications where counting and timing are required. --- ### 1. Key Features The DM74LS191 stands out due to its specific functional capabilities: | Feature | Description | | :--- | :--- | | **Counting Mode** | 4-Bit Binary (0 to 15). | | **Direction** | Reversible (Up or Down counting). | | **Synchronous** | Internal state changes occur simultaneously with the clock pulse. | | **Asynchronous Load** | Presets the counter to a specific value regardless of the clock. | | **Cascadable** | Includes Ripple Clock and Maximum/Minimum outputs for multi-stage counting. | --- ### 2. Pin Configuration and Functions The device is typically housed in a 16-pin DIP or SOIC package. | Pin Number | Name | Description | | :--- | :--- | :--- | | 1, 9, 10, 15 | P0 - P3 | **Parallel Inputs:** Used to load a starting value into the counter. | | 2, 6, 7, 3 | Q1, Q2, Q3, Q0 | **Flip-Flop Outputs:** The current binary count. | | 4 | $\overline{G}$ (Enable) | **Count Enable:** Active LOW. Must be LOW for the counter to operate. | | 5 | D/$\overline{U}$ | **Down/Up:** Logic HIGH = Down count; Logic LOW = Up count. | | 11 | $\overline{LOAD}$ | **Load:** Active LOW. Asynchronously loads P0-P3 into the outputs. | | 13 | R/C | **Ripple Clock:** Produces a pulse for cascading to the next stage. | | 14 | Clock | **Clock Input:** Triggered on the LOW-to-HIGH transition. | --- ### 3. Technical Specifications Typical operating parameters for the LS series version: ```yaml Supply Voltage (Vcc): 4.75V to 5.25V (5V Nominal) Input Logic HIGH: 2.0V (Min) Input Logic LOW: 0.8V (Max) Propagation Delay: ~20ns to 35ns Operating Temperature: 0°C to +70°C ``` --- ### 4. Operational Logic To operate the DM74LS191 effectively, the following logic states must be managed: 1. **Loading Data:** Set $\overline{LOAD}$ to LOW. The values at pins P0-P3 will immediately appear at Q0-Q3. 2. **Counting:** Set $\overline{LOAD}$ to HIGH and $\overline{G}$ (Enable) to LOW. 3. **Direction:** Toggle Pin 5 (D/$\overline{U}$) to switch between counting up ($0 \rightarrow 15$) or down ($15 \rightarrow 0$). 4. **Inhibiting:** If $\overline{G}$ is HIGH, the counter maintains its current state regardless of clock pulses. --- ### 5. Application Use Cases * **Digital Clocks:** Used in frequency division and time-keeping circuits. * **Dividers:** Can be used as a modulo-n divider by using the $\overline{LOAD}$ pin and external gates. * **Address Generators:** In memory systems to cycle through memory locations. * **Analog-to-Digital Converters:** Part of the successive approximation or tracking logic.
    ✨ Follow-up Questions
    • What is the difference between the DM74LS191 and the DM74LS193?
    • How do you cascade multiple 74LS191 chips for an 8-bit counter?
    • Can the 74LS191 be used with a 3.3V power supply?