データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DMN-R

  • AI
    ## Understanding DMN-R Series Components The term **DMN-R** typically refers to a specific series of **N-Channel Enhancement Mode Field Effect Transistors (MOSFETs)**, most commonly manufactured by Diodes Incorporated. These components are designed for high-density mounting and efficiency in switching applications. --- ### 1. Core Technical Specifications These parts are defined by their low "on-resistance" and compact surface-mount packaging. Below is a general specification table for typical DMN-R series parts (e.g., DMN2075U-7, DMN3051L-7): | Parameter | Description | Typical Value Range | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | Maximum voltage the part can handle. | 20V to 60V | | **Gate-Source Voltage ($V_{GSS}$)** | Control voltage limit. | ±12V to ±20V | | **Continuous Drain Current ($I_D$)** | Maximum current flow. | 0.5A to 5.0A | | **$R_{DS(ON)}$** | Static Drain-Source On-Resistance. | 20mΩ to 500mΩ | | **Package Type** | Physical footprint. | SOT23, SOT523, SC70 | --- ### 2. Key Electronic Features * **Low Threshold Voltage:** Usually "Logic Level" compatible, meaning they can be fully turned on by the low-voltage output of a microcontroller (1.8V, 2.5V, or 3.3V). * **ESD Protection:** Many parts in the "R" or "U" sub-series include internal Zener diodes to protect the gate from Electrostatic Discharge (ESD). * **Fast Switching:** Low input capacitance allows the transistor to toggle between ON and OFF states very quickly. * **Thermal Efficiency:** Designed for "Green" molding compounds and are lead-free (RoHS compliant). --- ### 3. Common Applications The DMN-R series is versatile and found in the following circuit types: 1. **Load Switching:** Turning peripheral devices (like sensors or LEDs) on and off to save power. 2. **Level Shifting:** Converting a signal from one voltage level (e.g., 1.8V) to another (e.g., 5V). 3. **Power Management:** Used in DC-DC converters and battery-operated portable electronics. 4. **Signal Logic:** Acting as a high-speed switch for digital communication lines. --- ### 4. Circuit Symbol and Operation As an **N-Channel MOSFET**, the DMN-R works like a "Normally Open" switch: * **OFF State:** When the Gate-Source voltage ($V_{GS}$) is 0V, no current flows from Drain to Source. * **ON State:** When $V_{GS}$ exceeds the threshold ($V_{GS(th)}$), the channel opens, allowing current to flow. ```markdown Drain (D) | +----+----+ | | | Gate ---+| | (Body Diode) (G) | | | +----+----+ | Source (S) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between DMN and DMP series parts?
    • ⤷ How do I calculate the power dissipation for a DMN-R MOSFET in a SOT23 package?
    • ⤷ Can DMN-R MOSFETs be used directly with an Arduino or ESP32?