データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DOM-5242L-R

  • AI
    The **DOM-5242L-R** is a high-sensitivity, omnidirectional **Electret Condenser Microphone (ECM)** component. It is designed to convert acoustic sound waves into electrical signals, commonly used in telecommunications, security systems, and consumer electronics. --- ### 1. Technical Specifications The following table outlines the primary electrical and mechanical characteristics of the DOM-5242L-R: | Parameter | Specification | | :--- | :--- | | **Directionality** | Omnidirectional (picks up sound from all sides) | | **Sensitivity** | -42 ± 3 dB (0dB = 1V/Pa at 1kHz) | | **Operating Voltage** | 2.0V (Standard), up to 10V (Maximum) | | **Current Consumption** | 0.5 mA (Maximum) | | **Frequency Range** | 50 Hz ~ 16,000 Hz | | **Signal-to-Noise Ratio** | > 60 dB | | **Impedance** | 2.2 kΩ | | **Dimensions** | Approx. 5.2mm (Diameter) x 4.2mm (Height) | | **Connection Type** | Lead wires (indicated by the "L" in the part number) | --- ### 2. Key Electronic Components & Working Principle The DOM-5242L-R operates based on capacitive principles: 1. **The Diaphragm:** A thin, metallic-coated plastic film that acts as one plate of a capacitor. When sound waves hit it, it vibrates. 2. **The Backplate:** A stationary plate acting as the second part of the capacitor. 3. **The Electret Material:** A material with a permanent electrostatic charge, eliminating the need for a high-voltage external power supply to polarize the plates. 4. **Internal FET (Field Effect Transistor):** Because the impedance of the capsule is extremely high, a small FET is built inside the housing. It acts as an **impedance converter**, allowing the microphone to output a signal that can be handled by standard audio pre-amplifiers. --- ### 3. Application Circuitry To use the DOM-5242L-R in a circuit, a "phantom power" or bias circuit is required to power the internal FET. ```mermaid graph LR VCC(Vcc 2V-10V) --> RL(Resistor RL 2.2k) RL --> Out(Audio Output) RL --> Mic(DOM-5242L-R) Mic --> GND(Ground) Out --> Cap(Coupling Capacitor) Cap --> Amp(Pre-Amplifier) ``` **Design Notes:** * **RL (Load Resistor):** Typically 2.2kΩ. It limits the current to the internal FET. * **Coupling Capacitor:** Usually 1µF to 10µF, used to block the DC bias voltage from entering the following amplifier stage while allowing the AC audio signal through. --- ### 4. Common Use Cases * **Voice Recognition:** Due to its high SNR (Signal-to-Noise Ratio). * **Smart Home Devices:** Integration into AI assistants or intercoms. * **Surveillance:** Compact size allows for discreet placement in security cameras. * **Wearables:** Low power consumption (0.5mA) makes it ideal for battery-operated devices.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'R' suffix in the DOM-5242L-R part number?
    • ⤷ How does changing the load resistor (RL) affect the microphone's performance?
    • ⤷ Is this microphone suitable for high-SPL (Sound Pressure Level) environments?