データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DP-R

  • AI
    The term **DP-R** typically refers to a specialized category of **Differential Pressure (DP) Remote** seal transmitters or specific **Direct-Mount Pressure** sensors used in industrial process control. These electronic components are designed to measure the pressure difference between two points and convert that physical force into a standardized electrical signal. --- ## 1. Core Electronic Components of a DP-R System A DP-R transmitter is a sophisticated assembly of sensing elements and signal-processing circuitry. | Component | Function | Description | | :--- | :--- | :--- | | **Piezoresistive Sensor** | Primary Sensing | A silicon-based bridge that changes resistance when mechanical pressure is applied. | | **A/D Converter** | Signal Conversion | Converts the analog voltage from the sensor into a digital format for the microprocessor. | | **Microprocessor (CPU)** | Data Processing | Performs linearization, temperature compensation, and unit conversion. | | **EEPROM** | Memory Storage | Stores calibration constants, range configurations, and device diagnostics. | | **Communication Module** | Interface | Protocols like HART, Foundation Fieldbus, or Profibus for remote communication. | --- ## 2. Signal Processing Workflow The electronic path follows a specific sequence to ensure accuracy: 1. **Detection:** The sensor detects a physical displacement in the diaphragm. 2. **Amplification:** Low-level signals are amplified to reduce noise interference. 3. **Compensation:** The electronics correct for "Static Pressure Effects" and "Ambient Temperature Shifts" using pre-programmed algorithms. 4. **Output:** The digital signal is converted back to an analog **4-20mA loop** or sent as a digital packet via **HART**. --- ## 3. Remote Seal Electronics (The "R" in DP-R) In "Remote" configurations, the electronics are often physically separated from the process media to protect them from extreme heat or corrosive chemicals. ### Key Technical Specifications ```json { "Input_Type": "Differential Pressure", "Output_Signal": "4-20mA DC with HART Digital Signal", "Power_Supply": "10.5 to 45 V DC", "Accuracy": "±0.04% to 0.075% of Span", "Enclosure_Rating": "IP66 / IP67 (NEMA 4X)" } ``` --- ## 4. Maintenance and Troubleshooting The electronics in these units are generally modular. If a DP-R unit fails, the **Electronic Housing** (the "puck") can often be replaced without removing the mechanical pressure flanges, provided the calibration data is transferred to the new module.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Piezoresistive and a Capacitive sensor in DP transmitters?
    • ⤷ How does the HART protocol layer on top of a 4-20mA analog signal?
    • ⤷ What are the common causes of electronic drift in pressure transmitters?