データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DPF20-R6

  • AI
    The **DPF20-R6** is a high-performance **stepping motor driver** module, typically utilized in precision motion control applications. It belongs to the DPF (Digital Pulse Filter) series, designed to convert pulse and direction signals into motor rotation while ensuring high torque and low vibration. --- ### 1. Key Technical Specifications The DPF20-R6 is characterized by its input voltage range and current regulation capabilities. | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 20V - 40V DC | | **Output Current** | 0.5A - 2.0A (adjustable) | | **Step Resolution** | Full, Half, and Microstepping (up to 1/16 or 1/32 depending on revision) | | **Control Signal** | Pulse (Step) / Direction (Dir) | | **Drive Method** | Bipolar Constant Current PWM Drive | --- ### 2. Main Electronic Components & Features The internal circuitry and external interface consist of several critical electronic sections: #### A. Power Stage (H-Bridge) * **MOSFETs:** The driver uses an H-bridge configuration of MOSFETs to switch the current through the motor coils. * **PWM Control:** Uses Pulse Width Modulation to maintain a constant current, preventing the motor from overheating while maximizing torque. #### B. Signal Isolation * **Optocouplers:** To protect the controller (PLC or MCU) from high-voltage spikes on the motor side, the input signals (Pulse, Direction, Enable) are typically isolated via high-speed optocouplers. #### C. Phase Logic * **Indexer/Translator:** This internal logic circuit converts the incoming "Pulse" signal into the specific sequence of energized coils required to move the motor by one step. #### D. Protection Circuitry * **Over-current Protection:** Shuts down the output if a short circuit is detected. * **Over-voltage Protection:** Protects the capacitors and FETs from back-EMF (Electromotive Force) generated when the motor decelerates rapidly. --- ### 3. Connection Pinout (Typical) The unit features terminal blocks for both power and logic. | Terminal | Function | Description | | :--- | :--- | :--- | | **V+ / GND** | Power Input | DC Power supply input (typically 24V-36V) | | **A+ / A-** | Motor Phase A | Connection for the first motor coil | | **B+ / B-** | Motor Phase B | Connection for the second motor coil | | **PUL+ / PUL-** | Pulse Input | Controls the speed and distance (Step) | | **DIR+ / DIR-** | Direction Input | Controls CW or CCW rotation | | **ENA+ / ENA-** | Enable Input | Turns the motor current on or off | --- ### 4. Configuration (DIP Switches) The **R6** version usually includes a bank of DIP switches used to set: 1. **Current Limit:** Matches the driver's output to the motor's rated current (e.g., setting it to 1.5A). 2. **Microstep Resolution:** Determines how many pulses are required for one full 360° rotation (higher microstepping leads to smoother motion). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum microstepping resolution supported by the DPF20-R6?
    • ⤷ How do I calculate the correct current setting for a NEMA 17 motor using this driver?
    • ⤷ Can this driver be used with a 48V DC power supply?