データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DR10D03

  • AI
    ## DR10D03 Electronic Component Overview The **DR10D03** is a specialized electronic component, typically categorized as a **Solid State Relay (SSR)** or a power management module designed for industrial and PCB-mount applications. It is engineered to switch DC loads using a low-voltage control signal. --- ### 1. Key Technical Specifications Below are the typical electrical characteristics for the DR10D03 series: | Parameter | Value (Typical) | | :--- | :--- | | **Control Voltage (Input)** | 3.5 - 32 VDC | | **Load Voltage (Output)** | 1 - 100 VDC | | **Load Current (Max)** | 3 Amps | | **Switching Type** | DC Output / MOSFET | | **Isolation Voltage** | 2500 Vrms | | **Mounting Type** | PCB Mount (SIP Package) | --- ### 2. Functional Components The DR10D03 consists of several internal electronic stages that allow it to function without moving parts: * **Optoisolator (Input Stage):** This part uses an internal LED and a photo-sensitive receiver to transfer the signal from the control side to the load side. This ensures **Galvanic Isolation**, protecting the low-voltage controller (like an Arduino or PLC) from high-voltage spikes on the load side. * **Trigger Circuit:** Processes the optical signal and ensures a clean "on" or "off" state for the output transistor. * **MOSFET / Power Transistor (Output Stage):** Acts as the electronic switch. Because it uses a MOSFET, it has low "on-resistance," which minimizes heat generation during operation. --- ### 3. Advantages vs. Mechanical Relays | Feature | DR10D03 (SSR) | Mechanical Relay | | :--- | :--- | :--- | | **Lifespan** | Virtually infinite (no wear) | Limited (contact erosion) | | **Switching Speed** | Microseconds | Milliseconds | | **Acoustic Noise** | Silent | "Clicking" sound | | **Vibration Resistance** | High | Low | --- ### 4. Typical Application Circuit When wiring a DR10D03, it is important to observe polarity and protect against back-EMF if switching inductive loads (like motors). ```text Control Side: (+) Pin 1 ---- [3.5-32VDC Signal] (-) Pin 2 ---- [GND] Load Side: (+) Pin 3 ---- [Positive Load Supply] (-) Pin 4 ---- [To Load/Device] ``` > **Note:** Always use a **flyback diode** in parallel with the load if you are switching a DC motor or a solenoid to prevent voltage spikes from damaging the internal MOSFET. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the DR10D03 and the DR10D06 model?
    • ⤷ How do I calculate the heat dissipation requirements for this SSR?
    • ⤷ Can I use the DR10D03 to switch an AC load?