データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DR10D06X

  • AI
    The **DR10D06X** is an N-Channel enhancement mode Power MOSFET, typically utilized in high-efficiency power management applications. It is designed for low on-resistance and fast switching speeds. ### 1. Key Technical Specifications Below are the typical electrical characteristics for the DR10D06X: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 60V | | **Continuous Drain Current** | $I_D$ | 100A (approx.) | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~4.5m$\Omega$ - 6m$\Omega$ | | **Gate-Source Voltage** | $V_{GS}$ | $\pm$20V | | **Total Gate Charge** | $Q_g$ | ~75nC | | **Package Type** | - | PDFN5x6 / TO-252 / TO-220 | --- ### 2. Functional Description As an N-Channel MOSFET, the DR10D06X operates by allowing current to flow from the **Drain** to the **Source** when a positive voltage is applied to the **Gate** relative to the Source. * **Low $R_{DS(on)}$:** This minimizes conduction losses, meaning the component generates less heat while handling high currents. * **High Power Density:** Its design allows for a large current capacity within a small physical footprint. * **Fast Switching:** Reduced internal capacitances allow the device to turn on and off rapidly, which is essential for high-frequency PWM (Pulse Width Modulation) circuits. --- ### 3. Common Applications Due to its robust power handling, the DR10D06X is found in: 1. **DC-DC Converters:** Used in the switching stage to step down or step up voltages. 2. **Motor Control:** Driving brushless DC (BLDC) motors in power tools or drones. 3. **Battery Management Systems (BMS):** Serving as a protection switch to connect or disconnect the battery load. 4. **Synchronous Rectification:** Replacing diodes in power supplies to improve efficiency. --- ### 4. Circuit Implementation Example A basic configuration for using this MOSFET as a switch is shown below: ```cpp // Logic Diagram for Gate Driving [MCU Output (3.3V/5V)] --> [Gate Driver IC] --> [Gate Resistor] --> [DR10D06X Gate] // Connections: // Drain -> Connected to Load (Positive Rail) // Source -> Connected to Ground (Common) // Gate -> Control signal input ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific thermal management requirements for the DR10D06X?
    • ⤷ How does the gate-source threshold voltage affect its performance in 3.3V logic circuits?
    • ⤷ What is the maximum pulsed drain current for this specific model?