データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DR10D2

  • AI
    The **DR10D2** refers to a high-performance **10-inch Dual 2-Ohm (D2) Subwoofer**, typically associated with brands like Skar Audio. Understanding its electronic parts involves looking at the electromechanical components that allow it to convert electrical energy from an amplifier into acoustic energy (sound). --- ### Core Electronic & Mechanical Components | Component | Function | Material/Specs | | :--- | :--- | :--- | | **Voice Coils** | Converts electrical signals into magnetic motion. | 2.5" High-Temperature Copper | | **Dual 2-Ohm Configuration** | Allows for flexible wiring (1-Ohm or 4-Ohm loads). | Four-layer copper wire | | **Magnet Assembly** | Provides the static magnetic field for the coil to push against. | Massive High-Flux Ferrite Motor | | **Tinsel Leads** | Carries the current from the terminals to the voice coil. | Woven/Stitched high-current leads | | **Terminals** | Connection point for the speaker wire from the amplifier. | Chrome-plated push terminals | --- ### Technical Specifications (Electrical) The DR10D2 is engineered to handle significant power. The "D2" suffix is the most critical electronic designation, indicating **Dual 2-Ohm Voice Coils**. * **RMS Power Handling:** 600 Watts * **Peak Power Handling:** 1,200 Watts * **Impedance:** Dual 2 Ohm * **Sensitivity (1w/1m):** ~82.3 dB * **Fs (Resonant Frequency):** ~37 Hz --- ### Wiring Configurations Because the DR10D2 has two 2-ohm voice coils, you have two primary ways to wire a single unit to an amplifier: #### 1. Parallel Wiring (1-Ohm Load) Connecting both positive terminals together and both negative terminals together. * **Result:** Drops impedance to **1 Ohm**. * **Use Case:** Ideal for Mono-block amplifiers stable at 1 Ohm to extract maximum wattage. #### 2. Series Wiring (4-Ohm Load) Connecting the positive of one coil to the negative of the other, then connecting the remaining open terminals to the amp. * **Result:** Increases impedance to **4 Ohms**. * **Use Case:** Ideal for bridging 2-channel amplifiers or multi-subwoofer setups. --- ### Critical Supporting Components To prevent electrical failure of the DR10D2, these integrated parts are essential: * **Advanced Cooling System:** Airflow is directed through the backplate to keep the voice coils cool during high excursion. * **Spider System:** The suspension (usually a pressed cotton/nomex blend) ensures the voice coil stays centered in the magnetic gap, preventing electrical shorts caused by friction.
    ✨ Follow-up Questions
    • ⤷ How do I wire two DR10D2 subwoofers to reach a 0.5-ohm or 2-ohm load?
    • ⤷ What is the difference between the D2 and D4 versions of this subwoofer?
    • ⤷ Which amplifier RMS rating is recommended for a single DR10D2?