データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DR10D24

  • AI
    ## DR10D24: Electronic Specifications and Overview The **DR10D24** typically refers to a **DIN-Rail mounted Solid State Relay (SSR)**. These components are used in industrial automation to switch electrical loads (AC or DC) without moving parts, offering high reliability and fast response times. ### 1. Component Overview The DR10D24 is designed to be mounted on standard 35mm DIN rails. Its nomenclature usually indicates its key specifications: **10 Amps** of current and **24 Volts** (either control or load, depending on the manufacturer). --- ### 2. Technical Specifications The following table outlines the typical electrical characteristics for a standard DR10D24 SSR: | Feature | Specification (Typical) | | :--- | :--- | | **Control Voltage (Input)** | 3.5 – 32 VDC | | **Load Voltage (Output)** | 24 VDC (Max range 1-60 VDC) | | **Maximum Load Current** | 10 Amps | | **Switching Type** | MOSFET Output (DC switching) | | **Isolation** | Opto-isolated (usually 2500V or higher) | | **Mounting** | 35mm DIN Rail | | **Status Indicator** | LED (usually Green or Red) | --- ### 3. Key Electronic Sub-assemblies Inside a DR10D24, several electronic parts work together: 1. **Input Circuitry:** * Consists of a current-limiting resistor and a protection diode. * It ensures the internal LED of the optocoupler is not damaged by voltage fluctuations. 2. **Optical Isolation:** * An internal **Optocoupler** separates the control side (low power) from the load side (high power). * This prevents electrical noise or surges from returning to the PLC or controller. 3. **Switching Element (MOSFET/IGBT):** * Unlike traditional relays with copper contacts, this uses a **Power MOSFET**. * When the control signal is high, the MOSFET becomes conductive, allowing current to flow to the load. 4. **Protection Circuits:** * **Snubber Circuit/Flyback Diode:** Protects the device from Back EMF (electromotive force) when switching inductive loads like motors or solenoids. --- ### 4. Wiring Diagram (Conceptual) ```text [Control Side] [Load Side] (+) 3-32VDC ----[ IN ] [ LOAD + ]---- (+) 24V Power Supply (-) Ground ----[ GND ] [ LOAD - ]---- (Load Device) ---- (-) ``` --- ### 5. Advantages of the DR10D24 * **Silent Operation:** No mechanical clicking sound. * **Long Life:** No physical contacts to arc, pit, or wear out. * **Speed:** Microsecond switching times compared to milliseconds for mechanical relays. * **Compact:** High current density in a slim DIN-rail package.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a zero-crossing and random-fire SSR in this context?
    • ⤷ Does the DR10D24 require an external heat sink for 10A loads?
    • ⤷ How do I wire a protection diode for inductive loads with this relay?