データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DR10D560K

  • AI
    The **DR10D560K** is a specific model of a **Metal Oxide Varistor (MOV)**. These components are used primarily for surge protection and voltage clamping in electronic circuits. --- ### 1. Component Identification The part number can be broken down to understand its characteristics: | Part Segment | Meaning | Detail | | :--- | :--- | :--- | | **DR** | Series/Manufacturer Code | Often refers to "Disk Resistor" or a specific brand's series. | | **10** | Disk Diameter | Indicates a **10mm** diameter disk size. | | **D** | Shape | Stands for **Disk** shape. | | **560** | Varistor Voltage | $56 \times 10^0 = \mathbf{56V}$. This is the nominal voltage. | | **K** | Tolerance | **±10%** tolerance on the varistor voltage. | --- ### 2. Technical Specifications Typical technical parameters for a 10D560K varistor include: * **Varistor Voltage ($V_{1mA}$):** 56V (Range: 50V to 62V). * **Maximum Allowable Voltage:** * **AC RMS:** ~35V * **DC:** ~45V * **Maximum Clamping Voltage:** The peak voltage across the varistor when a standard pulse current is applied (usually around 110V at 10A-25A). * **Surge Current (8/20μs):** Can typically handle a single pulse of **500A to 1000A** (depending on the specific manufacturer). * **Energy Absorption (10/1000μs):** Approximately **4.0 to 7.0 Joules**. --- ### 3. How It Works A varistor is a **Voltage-Dependent Resistor (VDR)** with a non-linear resistance: 1. **Normal State:** When the voltage is below 56V, the varistor has very high resistance and acts as an open circuit. 2. **Surge State:** When a voltage spike (like a power surge) exceeds the clamping threshold, the resistance drops instantly. 3. **Protection:** The varistor shunts the excess current to the ground or across the line, protecting sensitive downstream components from overvoltage. --- ### 4. Common Applications * **Low Voltage DC Power Supplies:** Protecting sensors and ICs. * **Automotive Electronics:** Safeguarding 12V/24V systems from "load dump" transients. * **Telecommunications:** Protecting data lines from induced lightning surges. * **Control Systems:** Protecting PLC inputs and relay coils. --- ### 5. Symbol and Circuit Placement In a schematic, it is represented by a symbol similar to a resistor but with a diagonal line and a "U" or "V" hook. It is almost always placed **in parallel** with the load it is intended to protect. ```text Line (+) ----o---- [ Fuse ] ----o---- Load ---- | | [MOV] (Device) | | Neutral (-) --o------------------o-------------- ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 10D560K and a 14D560K?
    • ⤷ How do I choose the correct varistor voltage for a 12V DC circuit?
    • ⤷ Does a varistor wear out over time after multiple surges?