データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DS-B3-R

  • AI
    The **DS-B3-R** typically refers to a high-performance, single-axis digital servo drive, often associated with industrial motion control systems (such as those by Delta Electronics or similar CNC component manufacturers). Below is a breakdown of its primary electronic components and technical specifications. --- ### 1. Key Internal Components The DS-B3-R functions as an intermediary between a controller (PLC) and a motor. Its internal electronics are categorized as follows: | Component Type | Description | | :--- | :--- | | **Power Stage** | Utilizes **IGBTs** (Insulated Gate Bipolar Transistors) for high-speed switching and power delivery to the motor. | | **Processing Unit** | High-speed **DSP** (Digital Signal Processor) or FPGA used for real-time PID loop calculations and error handling. | | **Feedback Interface** | Dedicated circuitry to read high-resolution **incremental or absolute encoders**. | | **I/O Logic** | Opto-isolated inputs and outputs to prevent electrical noise from damaging the logic board. | --- ### 2. Technical Specifications The "B3" series generally represents a specific performance tier (high bandwidth) and the "R" suffix often denotes specific communication protocols or regenerative resistor configurations. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | AC 200V ~ 230V (Single or Three Phase) | | **Control Mode** | Position, Speed, and Torque control | | **Encoder Resolution** | Support for up to 24-bit encoders | | **Frequency Response** | Usually 3.1 kHz bandwidth for high-speed response | | **Communication** | Pulse/Direction or RS-485 (Modbus) | --- ### 3. Connection Ports & Wiring The DS-B3-R features several specialized ports for electronic interfacing: 1. **CN1 (I/O Connector):** Used for digital inputs (Limit switches, E-stop) and digital outputs (Servo Ready, Alarm). 2. **CN2 (Encoder Port):** Connects the motor's feedback signal to the drive. 3. **CN3 (Communication):** RJ45 or similar port for PC software configuration or PLC linking. 4. **L1, L2, L3:** Main power supply input terminals. 5. **U, V, W:** Output terminals providing 3-phase power to the servo motor. --- ### 4. Protective Circuitry The drive includes several electronic safety features to protect the hardware: * **Overcurrent Protection:** Shuts down the IGBTs if a short circuit is detected. * **Overvoltage Protection:** Monitors the DC bus voltage, often triggering a **Regenerative Resistor** if the motor decelerates too quickly. * **Thermal Sensors:** Monitors the temperature of the power module to prevent overheating.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the DS-B3-R and the standard B3-L model?
    • ⤷ How do I wire a regenerative resistor to this specific drive?
    • ⤷ Which software is used to configure the electronic parameters of this servo drive?