データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DS-BB-R/

  • AI
    The **DS-BB-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Bridge Rectifier**. These parts are fundamental in power management circuits, primarily used to convert Alternating Current (AC) into Direct Current (DC). --- ### 1. Core Technical Specifications The "DS-BB-R" series usually refers to high-efficiency bridge rectifiers. Below are the standard technical parameters for this class of component: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Max Peak Reverse Voltage ($V_{RRM}$)** | 50V - 1000V | The maximum voltage the part can handle in reverse bias. | | **Max Average Forward Current ($I_{F(AV)}$)** | 0.5A - 2.0A | The maximum continuous current the bridge can rectify. | | **Package Type** | ABS / LBS / MBS | Small form-factor surface mount packages. | | **Operating Temperature** | -55°C to +150°C | The thermal range the component can safely operate within. | | **Forward Voltage Drop ($V_F$)** | ~1.1V | Voltage lost across the diodes during conduction. | --- ### 2. Internal Configuration The DS-BB-R consists of **four diodes** arranged in a bridge configuration within a single molded plastic case. * **AC Input Pins:** Two pins accept the incoming alternating signal. * **DC Output Pins:** Two pins (Positive and Negative) provide the rectified pulsating DC. ### 3. Key Electronic Features * **Glass Passivated Die Construction:** Enhances reliability and reduces leakage current. * **Low Forward Voltage Drop:** Increases efficiency by reducing power loss as heat. * **High Surge Current Capability:** Can handle brief spikes in current (e.g., during device startup). * **Designed for Surface Mount:** Compatible with automated "Pick and Place" assembly lines. ### 4. Common Applications Due to its small footprint and efficiency, the DS-BB-R is found in: 1. **LED Lighting:** Converting AC mains to DC for LED drivers. 2. **Wall Adapters:** Small power bricks for smartphones and electronics. 3. **Battery Chargers:** Initial rectification stage for charging circuits. 4. **Home Appliances:** Power supply units for smart toasters, kettles, or clocks. --- ### 5. Circuit Implementation Example In a standard power supply circuit, the DS-BB-R is usually placed immediately after the fuse/transformer and before the smoothing capacitor. ```text AC Line (In) ----> [ DS-BB-R ] ----> (+) --- [ Filter Cap ] --- DC Out AC Neutral (In) -> [ Bridge ] ----> (-) ----------------------- GND ```
    ✨ Follow-up Questions
    • ⤷ What are the differences between the ABS and MBS package types for this part?
    • ⤷ How do I calculate the heat dissipation requirements for a DS-BB-R at 1A current?
    • ⤷ Can this bridge rectifier be used in high-frequency switching power supplies?