データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DS-F3-R

  • AI
    The **DS-F3-R** typically refers to a high-performance **Fiber Optic Digital Sensor** (often associated with brands like Takex or similar industrial automation manufacturers). These devices are used for precision detection in manufacturing environments where space is limited or high speed is required. --- ### 1. Core Electronic Specifications The internal circuitry is designed for high-speed switching and signal stability. Below are the primary electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Operating Voltage** | 12 to 24V DC (±10% ripple) | | **Current Consumption** | 30mA to 40mA (max) | | **Output Type** | NPN or PNP Open Collector (depending on specific sub-model) | | **Response Time** | High speed (typically < 500μs) | | **Switching Capacity** | 100mA max at 30V DC | | **Protection Circuit** | Reverse polarity protection, Overcurrent protection | --- ### 2. Key Electronic Components & Functions The DS-F3-R consists of several critical electronic stages: #### A. The Emitter (Light Source) * **Component:** Red LED (typically 660nm). * **Function:** Generates the light signal that is transmitted through the fiber optic cable. Red light is used for ease of alignment and compatibility with various fiber types. #### B. The Receiver (Photodetector) * **Component:** Photodiode or Phototransistor. * **Function:** Receives the returned light. It converts the optical energy back into a low-level electrical current. #### C. Signal Processing Circuit * **Amplifier:** Since the signal from the photodiode is weak, an internal operational amplifier (Op-Amp) boosts the signal. * **Comparator:** Compares the signal level against a "Threshold" value. This determines whether the output should be "ON" or "OFF." #### D. Output Stage * **Transistor Switch:** Uses an NPN or PNP transistor to act as a solid-state switch. * **Control Logic:** Includes "Light-ON" or "Dark-ON" selectable modes, allowing the user to decide if the circuit completes when light is detected or when light is blocked. --- ### 3. Connection Diagram (Standard 3-Wire) Most DS-F3-R units use a standard industrial color-coding system: ```markdown Brown ---- (+) 12-24V DC Blue ---- (-) 0V / GND Black ---- Control Output (Load) ``` --- ### 4. Advanced Features * **Sensitivity Adjustment:** Usually features a multi-turn potentiometer or digital buttons to calibrate the threshold. * **Stability Indicator:** A secondary LED (often green) that indicates if the received light is sufficiently above the threshold to ensure reliable operation despite dust or vibration.
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output configurations for this sensor?
    • ⤷ How do you calibrate the sensitivity threshold on the DS-F3-R?
    • ⤷ Can this sensor be used with plastic or glass fiber optic cables?