データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DS-R

  • AI
    The term **DS-R** typically refers to a series of high-precision, heavy-duty rotary actuators (often from brands like **Harmonic Drive** or similar industrial robotics manufacturers). These units combine a high-performance motor with specialized gearing and sensing electronics. --- ## Key Electronic Components of a DS-R Unit The electronic architecture of these actuators is designed for high-torque density and extreme positional accuracy. | Component | Function | Technical Description | | :--- | :--- | :--- | | **AC Servo Motor** | Power Generation | Usually a brushless permanent magnet motor designed for high efficiency and low cogging. | | **Optical Encoder** | Feedback | A high-resolution (often 17-bit to 21-bit) sensor that tracks the absolute position of the output shaft. | | **Commutation Sensors** | Timing | Hall-effect sensors or incremental tracks used to align the stator's magnetic field with the rotor. | | **Thermal Sensors** | Protection | Integrated thermistors (PTC/NTC) to prevent windings from overheating during high-duty cycles. | | **Brake Solenoid** | Safety | An electromagnetic power-off brake that locks the shaft in place if voltage is lost. | --- ### 1. The Integrated Encoder The most critical electronic part is the **Absolute Encoder**. Unlike simple motors, DS-R units use multi-turn absolute encoders that: * Communicate via protocols like **EnDat**, **SSI**, or **BiSS-C**. * Maintain position memory even after the power is switched off. * Allow for sub-arcsecond precision in motion control. ### 2. Wiring and Interfacing The DS-R series generally utilizes specialized connectors to handle both high-current power and sensitive low-voltage signals: * **Power Lead:** 3-phase UVW lines plus a Ground (PE). * **Signal Lead:** Shielded twisted pairs for encoder data and 24V DC for the brake. ### 3. Electronic Control Requirements To operate a DS-R actuator, a compatible **Servo Drive** (Inverter) is required. The drive performs the following electronic tasks: 1. **Current Loop:** Manages the torque output via PWM (Pulse Width Modulation). 2. **Velocity Loop:** Regulates the rotational speed. 3. **Position Loop:** Uses the encoder feedback to close the gap between target and actual location. --- ### Typical Wiring Pinout Example ```yaml Motor_Side: - Phase_U: Red - Phase_V: White - Phase_W: Black - Ground: Green/Yellow Encoder_Side: - Vcc: 5V DC - GND: 0V - Data+: Serial Data High - Data-: Serial Data Low - Clock+: Timing Signal High - Clock-: Timing Signal Low ```
    ✨ Follow-up Questions
    • ⤷ What are the specific communication protocols supported by DS-R encoders?
    • ⤷ How does the electromagnetic brake in a DS-R unit differ from a standard motor brake?
    • ⤷ What type of servo drive is recommended for controlling high-precision rotary actuators?