データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DS-R30

  • AI
    The **DS-R30** is a specific electronic component, most commonly associated with a high-performance **Step-Down (Buck) Voltage Regulator Module**. It is designed to efficiently convert a higher DC input voltage to a lower, stable DC output voltage. --- ### 1. Key Technical Specifications The following table outlines the typical electrical characteristics of the DS-R30 module: | Parameter | Typical Value | | :--- | :--- | | **Input Voltage Range** | 4.5V – 30V DC | | **Output Voltage Range** | 0.8V – 28V (Adjustable via Potentiometer) | | **Output Current** | 3A (Continuous), up to 5A with cooling | | **Conversion Efficiency** | Up to 96% | | **Switching Frequency** | 150 kHz – 300 kHz | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Major Electronic Sub-Components The module is composed of several critical integrated circuits and passive parts: * **Buck Controller IC:** The heart of the module (often based on the LM2596 or a high-efficiency synchronous chip). It manages the Pulse Width Modulation (PWM) to regulate voltage. * **Power Inductor:** Usually a shielded ferrite core inductor. It stores energy during the "on" cycle and releases it during the "off" cycle to smooth the current flow. * **Schottky Diode:** Acts as a flyback diode to prevent back-EMF and ensure current flows in one direction during the switching process. * **Input/Output Capacitors:** Large electrolytic or ceramic capacitors used to filter out ripples and stabilize the voltage supply. * **Trimming Potentiometer:** A high-precision variable resistor used by the user to set the desired output voltage. --- ### 3. Connection Pinout | Pin Label | Function | Description | | :--- | :--- | :--- | | **IN+** | Positive Input | Connect to the positive terminal of the power source. | | **IN-** | Negative Input | Connect to the ground/negative of the power source. | | **OUT+** | Positive Output | Regulated positive voltage output to the load. | | **OUT-** | Negative Output | Common ground output to the load. | --- ### 4. Implementation Precautions * **Heat Dissipation:** If the output current exceeds 3A or the power consumption exceeds 15W, an external heatsink is required to prevent thermal shutdown. * **Voltage Differential:** As a step-down converter, the input voltage must always be at least **1.5V to 2V higher** than the desired output voltage. * **Polarity:** Most DS-R30 modules do not have reverse polarity protection; connecting the input wires backward will likely destroy the IC instantly.
    ✨ Follow-up Questions
    • ⤷How do I calculate the heat dissipation for a DS-R30 at 5A?
    • ⤷ Can the DS-R30 be used to charge Li-ion batteries directly?
    • ⤷ What are the common alternatives to the DS-R30 for higher voltage inputs?