データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DS31256

  • AI
    ### DS31256: 256-Channel HDLC Controller The **DS31256** is a high-performance communication integrated circuit developed by Maxim Integrated (formerly Dallas Semiconductor). It is primarily used as a 256-channel HDLC (High-Level Data Link Control) controller designed to bridge multiple T1/E1/T3 lines to a high-speed PCI bus. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Max Channels** | 256 independent HDLC channels | | **Interface (Line Side)** | Up to 16 Layer 1 ports (T1, E1, T3, E3, STS-1) | | **Interface (Host Side)** | 32-bit, 33MHz/66MHz PCI 2.2 | | **Voltage Supply** | 3.3V I/O (5V tolerant), 2.5V Core | | **Package** | 256-pin BGA (27mm x 27mm) | | **Data Rate** | Up to 52Mbps per port | --- ### Core Electronic Components & Architecture #### 1. HDLC Engines The heart of the chip consists of multiple HDLC processing engines. These engines handle the heavy lifting of data framing, including: * **Zero Stuffing/Destuffing:** Ensures data transparency. * **CRC Generation/Checking:** Supports CRC-16 and CRC-32 for error detection. * **Flag Generation:** Handles start/end frames and abort sequences. #### 2. Direct Memory Access (DMA) Controller To prevent CPU overhead, the DS31256 utilizes an onboard DMA engine. It manages the transfer of data directly between the HDLC channels and the host system memory via the PCI bus. It uses "descriptors" (linked lists) to manage buffers efficiently. #### 3. FIFO Buffers The device contains internal RAM used as circular buffers for both transmit (TX) and receive (RX) paths. * **RX FIFO:** 16KB total, shared among active channels. * **TX FIFO:** 8KB total, shared among active channels. These buffers prevent data loss during PCI bus latency or high-traffic bursts. #### 4. Layer 1 Interface (The "Line Side") The chip features 16 physical ports that connect to T1/E1 transceivers or T3/E3 framers. It supports: * **Channelized Mode:** Mapping specific DS0 slots to HDLC channels. * **Unchannelized Mode:** Treating an entire T1/E1 or T3/E3 stream as a single high-speed pipe. --- ### Typical Application Diagram ```text [ T1/E1 Transceivers ] <---> [ DS31256 HDLC Controller ] <---> [ PCI Bus ] <---> [ Host CPU/RAM ] (Line Side) (Data Processing) (System Bus) ``` --- ### Summary of Use Cases 1. **DSLAMS:** High-density digital subscriber line access multiplexers. 2. **Routers/Gateways:** Managing multiple T1/E1 WAN interfaces. 3. **Frame Relay Switches:** Processing multi-channel HDLC data streams. 4. **Telecommunications Infrastructure:** Connecting legacy TDM (Time Division Multiplexing) networks to IP-based systems.
    ✨ Follow-up Questions
    • ⤷What are the power consumption characteristics of the DS31256?
    • ⤷ How does the DS31256 handle clock synchronization between ports?
    • ⤷ What is the software configuration process for mapping HDLC channels to PCI addresses?