データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DSC1206AS-RDT3

  • AI
    The **DSC1206AS-RDT3** is a high-precision, automotive-grade surface-mount resistor. It belongs to a specialized class of components designed for high-stability and reliability in harsh environments. ### 1. General Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics. | Parameter | Specification | | :--- | :--- | | **Component Type** | Fixed Resistor (Thin Film) | | **Package Size** | 1206 (Metric: 3216) | | **Resistance Value** | Defined by specific series codes (e.g., RDT3 indicates specific tolerance/TC) | | **Power Rating** | Typically 0.25W to 0.5W (Size dependent) | | **Operating Temperature** | -55°C to +155°C | --- ### 2. Key Electronic Features The DSC series (often manufactured by companies like Welwyn/TT Electronics) stands for **Double Steel Chip** or specialized **Anti-Surge** properties, depending on the specific manufacturer's datasheet variation. * **Anti-Surge Capability:** This resistor is designed to withstand high-energy pulses that would typically destroy a standard thick-film resistor. * **Tolerance (T3):** The "T3" suffix often refers to a tight tolerance (typically ±0.01% to ±1% depending on the specific sub-series) and a specific Temperature Coefficient of Resistance (TCR). * **AEC-Q200 Qualified:** These parts are tested against automotive standards for stress, vibration, and thermal shock. * **Sulfur Resistance:** The "AS" in the part number usually indicates **Anti-Sulfur** construction, preventing "silver whiskering" or corrosion when exposed to polluted or industrial environments. --- ### 3. Internal Structure The component utilizes a multi-layer construction to ensure stability: 1. **Substrate:** High-purity Alumina ($Al_2O_3$) ceramic. 2. **Resistive Layer:** A specialized metal film or thick film paste optimized for surge protection. 3. **Protective Coating:** An epoxy or glass wrap that is impervious to moisture and sulfur. 4. **Terminations:** Wraparound terminations with a nickel barrier and tin (Sn) finish for excellent solderability. --- ### 4. Applications Due to its robust nature, the DSC1206AS-RDT3 is commonly found in: * **Automotive ECUs:** Engine control units where heat and vibration are constant. * **Power Supplies:** Circuitry prone to inrush currents or voltage spikes. * **Industrial Sensors:** Monitoring equipment in high-sulfur environments (e.g., oil and gas). * **Medical Equipment:** Where long-term value stability is critical.
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value and tolerance for the RDT3 suffix?
    • ⤷ How does an anti-sulfur resistor differ from a standard 1206 resistor?
    • ⤷ What are the maximum pulse power ratings for the DSC1206 series?