データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DSC1206AS-RJT1

  • AI
    The **DSC1206AS-RJT1** is a specific electronic component, primarily recognized as a high-precision, thick film chip resistor. It is designed for applications requiring high stability and reliability in a compact 1206 surface-mount package. ### 1. Basic Component Specifications The part number follows a standard coding convention for electronic resistors. Here is the breakdown of its core characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Fixed Resistor | Passive electronic component. | | **Package Size** | 1206 (Metric 3216) | Dimensions: 3.2mm x 1.6mm. | | **Technology** | Thick Film | Conductive paste printed on a ceramic substrate. | | **Resistance Value** | Variable* | Defined by the "RJT" code segment in specific series. | | **Tolerance** | ±5% (Typical for J) | "J" usually denotes a 5% tolerance level. | | **Temperature Coefficient** | ±100 ppm/°C to ±200 ppm/°C | Stability over temperature changes. | --- ### 2. Key Features and Construction The DSC series (often associated with manufacturers like Welwyn/TT Electronics) is known for its **Double-Sided** construction. * **Double-Sided Design:** Unlike standard chip resistors, the DSC series has resistive elements on both the top and bottom of the substrate. This effectively doubles the power rating and improves pulse-handling capabilities compared to standard 1206 resistors. * **Anti-Sulfur Construction:** These parts often feature specialized terminations to prevent silver sulfide growth, making them ideal for harsh or polluted environments. * **Pulse Withstand:** Because of the dual-sided element, it can handle significantly higher energy pulses without failing, making it suitable for protection circuits. --- ### 3. Application Use Cases Due to its robust design, the DSC1206AS-RJT1 is commonly used in: 1. **Power Supplies:** For current sensing or snubber circuits where high-energy pulses occur. 2. **Industrial Electronics:** Used in motor controllers and factory automation where environmental contaminants (like sulfur) might be present. 3. **Automotive Systems:** Inverters, battery management systems (BMS), and lighting modules. 4. **Inrush Current Limiting:** Acting as a sacrificial or protective element in input stages. --- ### 4. Technical Summary for PCBA Layout If you are integrating this into a PCB design, note the following: ```markdown - Footprint: 1206 (3.2mm x 1.6mm) - Mounting: Surface Mount (SMD/SMT) - Power Rating: Typically 0.33W to 0.5W (Enhanced due to double-side tech) - Operating Temp Range: -55°C to +155°C ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact resistance value for the 'RJT1' suffix?
    • ⤷ How does double-sided resistor construction impact thermal management?
    • ⤷ What are the primary competitors to the TT Electronics DSC series?