データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DSC2512AS-RFT3

  • AI
    The **DSC2512AS-RFT3** is a high-performance, thick-film surface mount (SMD) resistor, typically manufactured by **Welwyn (TT Electronics)**. It belongs to the DSC (Deep Surge Chip) series, specifically engineered to withstand high energy pulses and surges that would typically destroy standard resistors. --- ### ## Technical Specifications Below are the primary electrical and physical characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | TT Electronics / Welwyn | | **Package / Case** | 2512 (6432 Metric) | | **Resistance Value** | Defined by the "RFT" code (Typically refers to a specific tolerance/value combo) | | **Power Rating** | 1.5 Watts (at 70°C) | | **Resistance Tolerance** | Typically ±1% (Standard for DSC series) | | **Max Working Voltage** | 500V | | **Operating Temp** | -55°C to +155°C | | **Technology** | Thick Film, Pulse Withstanding | --- ### ## Key Features 1. **Pulse Power Capability:** The "AS" designation usually signifies **Anti-Sulfur** properties, making it suitable for harsh environments where sulfur contamination is present. 2. **High Power Density:** For its size (2512 footprint), it handles 1.5W, which is significantly higher than standard 1W 2512 resistors. 3. **Surge Protection:** Specifically designed to protect sensitive circuits from sudden voltage spikes (inrush current, lightning strikes, or inductive load switching). --- ### ## Applications * **Power Supplies:** Used as a current sensing resistor or a "bleeder" resistor. * **Automotive Electronics:** Suitable for engine control units (ECUs) and battery management systems due to its anti-sulfur and surge capabilities. * **Industrial Controls:** Protecting circuitry from noisy electrical environments and motor drives. * **Telecommunications:** Pulse protection on line cards. --- ### ## Understanding the Part Number * **DSC:** Deep Surge Chip (Series). * **2512:** The physical size (0.25 x 0.12 inches). * **AS:** Anti-Sulfur construction. * **RFT3:** This suffix usually denotes the resistance value and the packaging (T3 typically indicates Tape & Reel with a specific quantity).
    ✨ Follow-up Questions
    • ⤷ What is the peak pulse power rating for the DSC2512 series?
    • ⤷ How does an anti-sulfur resistor differ from a standard thick film resistor?
    • ⤷ What are the recommended soldering profiles for 2512 SMD components?