データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DSP1-DC9V-R

  • AI
    ## Overview of the DSP1-DC9V-R Relay The **DSP1-DC9V-R** is a high-sensitivity, miniature power relay manufactured by Panasonic (formerly Matsushita). It belongs to the **DSP series**, which is known for its compact size, high switching capacity, and high breakdown voltage. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Coil Voltage (Nominal)** | 9V DC | | **Contact Form** | 1 Form A 1 Form B (1a1b) / SPST-NO + SPST-NC | | **Contact Rating (Resistive)** | 5A @ 250V AC / 5A @ 30V DC | | **Max. Switching Power** | 1,250 VA / 150 W | | **Coil Power Consumption** | Approx. 300 mW | | **Termination Style** | Through Hole (PCB Mount) | | **Dimensions** | 20.2 mm x 11 mm x 10.5 mm | --- ### 2. Detailed Component Breakdown #### A. Coil Characteristics The "9V" in the part number indicates the nominal operating voltage. * **Pick-up Voltage:** Typically 80% of nominal voltage (approx. 7.2V). * **Drop-out Voltage:** Typically 10% of nominal voltage (approx. 0.9V). * **Reversed Polarity Type:** The "-R" suffix often denotes a specific pinout or polarity orientation (check the specific datasheet for your batch, as Panasonic uses -R to indicate reversed coil polarity in some sub-series). #### B. Contact Configuration (1a1b) Unlike standard single-contact relays, this model features: * **1 Form A:** Normally Open (NO) contact. * **1 Form B:** Normally Closed (NC) contact. * This allows the relay to toggle between two circuits simultaneously when the coil is energized. #### C. Insulation and Safety * **High Breakdown Voltage:** Designed to withstand surges (up to 3,000V between contacts and coil). * **Sealed Construction:** Usually comes in a "Plastic Sealed" type, making it resistant to soldering flux and cleaning solvents. --- ### 3. Applications The DSP1 series is commonly found in: 1. **Office Automation:** Printers, copiers, and fax machines. 2. **Industrial Equipment:** PLC (Programmable Logic Controller) outputs and control panels. 3. **Consumer Electronics:** Air conditioners and white goods. 4. **Security Systems:** Alarm triggers and control modules. --- ### 4. Circuit Symbol & Internal Wiring ```text (Coil) [ 1 ]---( )---[ 8 ] | [ 2 ]----|----[ 7 ] (Common) | [ 3 ]----/ ---[ 6 ] (Normally Closed - 1b) \ [ 4 ]---- ---[ 5 ] (Normally Open - 1a) ``` *(Note: Pin numbers may vary; always refer to the physical footprint on the datasheet before PCB layout.)*
    ✨ Follow-up Questions
    • ⤷ What is the difference between the -R suffix and the standard version?
    • ⤷ Can this relay be driven directly by a 5V microcontroller like an Arduino?
    • ⤷ What are the recommended flyback diode specs for this 9V relay?