データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DSP1A-DC3V-R

  • AI
    The **DSP1A-DC3V-R** is a specific type of electromagnetic relay manufactured by Panasonic. It is designed for high-performance switching in a compact package, often used in consumer electronics and industrial controls. --- ### ## Technical Specifications Below are the primary electrical and mechanical specifications for this part: | Characteristic | Specification | | :--- | :--- | | **Part Number** | DSP1A-DC3V-R | | **Relay Type** | Power Relay (General Purpose) | | **Contact Form** | SPST-NO (1 Form A) | | **Coil Voltage** | 3V DC | | **Contact Rating (Resistive)** | 8A @ 250V AC / 5A @ 30V DC | | **Mounting Type** | Through Hole (PCB) | | **Coil Power** | 300 mW | | **Termination Style** | PC Pin | --- ### ## Core Components & Features ### 1. The Coil (Input Side) The "DC3V" in the part number indicates that the electromagnet requires **3 Volts DC** to energize. - **Polarity Sensitive:** Because this model typically features a polarized magnet for high sensitivity, the positive and negative terminals must be connected correctly. - **Low Power Consumption:** With a nominal operating power of approximately 300mW, it is suitable for battery-operated devices or circuits with limited power budgets. ### 2. The Contacts (Output Side) The "1A" designation indicates a **Single Pole Single Throw - Normally Open (SPST-NO)** configuration. - **Switching Capacity:** It can handle up to 8 Amperes at 250V AC. - **Material:** Contacts are usually made of silver alloy (AgSnO2) to resist welding and pitting during high-load switching. ### 3. The "-R" Suffix The suffix "-R" often denotes specific packaging or environmental compliance: - **Reversed Polarity/Wiring:** In some Panasonic series, "R" can indicate a specific terminal arrangement or a reversed internal diode/magnet orientation. - **RoHS Compliance:** It signifies the part meets environmental standards regarding lead-free construction. --- ### ## Circuit Application Example When using this relay with a microcontroller (like an Arduino or ESP32), you cannot drive the coil directly from a GPIO pin due to the current draw. A typical driver circuit is required: ```cpp // Schematic Concept: // [MCU Pin] -> [1k Resistor] -> [Base of NPN Transistor] // [Transistor Collector] -> [Relay Coil Pin 1] // [Relay Coil Pin 2] -> [+3V Power Supply] // *Note: Always place a Flyback Diode (1N4148) across the coil pins. ``` --- ### ## Common Use Cases * **Office Automation:** Copiers, printers, and scanners. * **Consumer Appliances:** Air conditioners, microwave ovens, and audio equipment. * **Industrial:** PLC output modules and small motor control.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the DSP1A and DSP1 series?
    • ⤷ Can I use a 5V supply with this 3V relay if I use a dropping resistor?
    • ⤷ Does this relay require a flyback diode for protection?