データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DSP2A-DC6V-R

  • AI
    The **DSP2A-DC6V-R** is a high-performance, miniature power relay manufactured by Panasonic (formerly Matsushita). It is widely used in control circuits due to its high switching capacity and compact form factor. --- ### 1. Key Technical Specifications Below are the primary electrical and physical characteristics of the DSP2A-DC6V-R: | Parameter | Specification | | :--- | :--- | | **Contact Form** | 2 Form A (DPST-NO: Double Pole Single Throw, Normally Open) | | **Coil Voltage** | 6V DC | | **Contact Rating (Resistive)** | 5A @ 250V AC / 5A @ 300V DC | | **Max. Switching Voltage** | 250V AC / 30V DC | | **Coil Power Consumption** | Approx. 300 mW | | **Mounting Type** | Through Hole (PCB) | | **Contact Material** | AgSnO₂ (Silver Tin Oxide) | --- ### 2. Breakdown of the Part Number Understanding the nomenclature helps identify the specific features of this relay: * **DSP**: Series name (High-sensitivity, high-capacity power relays). * **2A**: Contact arrangement (2 Form A / 2 Normally Open contacts). * **DC6V**: Rated coil voltage (Requires 6 Volts Direct Current to actuate). * **R**: Specific internal variation or packaging suffix (often refers to reverse polarity protection or high-density mounting variants depending on the specific datasheet revision). --- ### 3. Internal Components and Construction The relay consists of several critical electronic and mechanical parts: 1. **Electromagnetic Coil:** A copper wire winding around a core. When 6V DC is applied, it generates a magnetic field. 2. **Armature:** A moving metal component attracted by the magnetic field, which physically closes the contacts. 3. **Contacts:** Made of **AgSnO₂**, which provides excellent welding resistance (preventing the contacts from sticking during high-current surges). 4. **Return Spring:** Ensures the contacts return to the "Open" state immediately when the coil is de-energized. 5. **Sealed Structure:** Typically features a plastic sealed construction, protecting internal parts from dust and soldering flux. --- ### 4. Typical Applications Because of its small size and high switching capability, this relay is commonly found in: * **Office Automation:** Copiers and printers. * **Industrial Equipment:** PLC (Programmable Logic Controller) output modules and temperature controllers. * **Consumer Electronics:** Power supplies and smart home appliances. --- ### 5. Circuit Example (Simplified) To drive this relay using a microcontroller (like an Arduino or ESP32), a transistor circuit is required because the MCU pins cannot provide enough current. ```cpp // Schematic Logic: // MCU Pin -> Resistor -> Base of NPN Transistor // Collector -> Relay Coil (-) // Relay Coil (+) -> 6V DC Source // Flyback Diode (1N4007) -> Parallel to Coil (Cathode to +6V) ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the AgSnO2 contact material in this relay?
    • ⤷ Can I use a 5V supply to trigger this 6V coil?
    • ⤷ What are the dimensions and pin pitch for PCB layout design?