データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DTC-R/S-F

  • AI
    Based on the model designation, the **DTC-R/S-F** typically refers to a high-precision, digital temperature controller or a specific industrial sensor interface (often associated with brands like Delta or specialized thermal processing equipment). Below is a breakdown of the electronic components and functional architecture of this type of device. --- ### 1. Functional Blocks & Electronic Components A device with this designation generally consists of four primary electronic stages: | Component Category | Description | Key Electronic Parts | | :--- | :--- | :--- | | **Input Stage** | Processes signals from temperature sensors. | A/D Converters (ADC), Op-Amps, High-precision resistors. | | **Control Logic** | The "brain" that calculates PID values. | Microcontroller (MCU) or ASIC, EEPROM for settings. | | **Output Stage** | Controls the external heater or cooler. | Relays, SSR (Solid State Relay) drivers, or 4-20mA DACs. | | **Power Supply** | Converts mains power to internal DC. | Switching transformers, voltage regulators (LDOs), capacitors. | --- ### 2. Detailed Hardware Specifications #### A. The Processor (MCU) The core is usually a 16-bit or 32-bit Microcontroller. It handles the **PID (Proportional-Integral-Derivative)** algorithm. It compares the *Set Point (SV)* with the *Process Value (PV)* sampled from the input and calculates the necessary output power. #### B. Signal Conditioning (Input) The "R/S-F" suffix often denotes compatibility with specific sensor types: * **Thermocouples (Type R, S, K, etc.):** Requires cold-junction compensation circuitry. * **RTDs (Pt100):** Requires a constant current source and differential amplifiers to measure small resistance changes. #### C. Output Drive Types Depending on the specific sub-model (R or S), the electronic output differs: * **Relay Output (R):** Uses an electromagnetic relay for physical switching. * **Voltage Pulse (S):** Provides a 12V/24V DC signal to trigger external Solid State Relays (SSRs). * **Current/Linear (F):** Uses a Digital-to-Analog Converter (DAC) to provide a 4-20mA or 0-10V signal for modulating valves. --- ### 3. Connection Interface The "F" in the series often implies **Modular** or **Flexible** connectivity, usually involving: * **RS-485 Modbus:** A transceiver chip (like the MAX485) allowing the device to communicate with a PLC or HMI. * **Optical Isolation:** Optocouplers are used between the high-voltage output side and the low-voltage logic side to prevent electronic noise interference. --- ### 4. Comparison of Output Components | Feature | Relay Output (R) | SSR Drive (S) | Linear/Analog (F) | | :--- | :--- | :--- | :--- | | **Life Cycle** | Finite (Mechanical wear) | High (Electronic switching) | High | | **Switching Speed** | Slow (>10 seconds) | Fast (1-2 seconds) | Continuous | | **Noise** | High (Arcing) | Low | None | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Type R and Type S thermocouple inputs in this controller?
    • ⤷ How do I wire a 4-20mA output to a proportional valve?
    • ⤷ Does this model support Modbus RTU communication protocols?