データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DU321

  • AI
    The **DU321** typically refers to a specific series of **General Duty Safety Switches** (Disconnect Switches) manufactured by **Square D (Schneider Electric)**. These are critical components in electrical distribution and industrial control. --- ### 1. Device Overview The DU321 is a 3-pole, non-fusible safety switch designed to provide a manual means of disconnecting power to a circuit. It is commonly used for residential and light commercial applications where overcurrent protection is provided by another device (like a circuit breaker). ### 2. Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Square D (Schneider Electric) | | **Current Rating** | 30 Amperes | | **Voltage Rating** | 240V AC | | **Phase/Pole** | 3-Pole (3P) | | **Fuse Type** | Non-Fusible (Direct connection) | | **Enclosure Rating** | NEMA 1 (Indoor use only) | | **Duty Rating** | General Duty | | **Wire Size** | AWG 14 to AWG 6 (Al/Cu) | --- ### 3. Key Electronic & Mechanical Parts #### A. Contact Blades and Jaws * **Material:** Usually silver-plated copper. * **Function:** These are the primary conducting elements. When the handle is flipped, the blades slide into the "jaws" to complete the circuit. #### B. Quick-Make, Quick-Break Mechanism * This is a spring-loaded mechanical assembly that ensures the contacts open or close rapidly. * **Purpose:** It prevents "arcing" (electrical sparks) by ensuring the operator cannot move the contacts slowly, which would cause heat damage and wear. #### C. Lug Terminals * **Type:** Mechanical screw-pressure lugs. * **Function:** These are the connection points for the incoming (Line) and outgoing (Load) wires. They are designed to handle both copper and aluminum wiring. #### D. Insulating Base * **Material:** High-dielectric strength composite or molded plastic. * **Function:** Holds the energized parts in place and prevents current from leaking to the metal enclosure (ground). #### E. Interlock Mechanism * **Safety Feature:** A mechanical linkage that prevents the cover of the switch from being opened while the switch is in the "ON" position. This protects technicians from accidental contact with live parts. --- ### 4. Wiring Logic The DU321 follows a straightforward pass-through logic: ```text [Power Source] --> [Line Lugs] --> [Switch Blades] --> [Load Lugs] --> [Motor/Equipment] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a fusible and non-fusible DU321 switch?
    • ⤷ Can a DU321 be used outdoors in wet conditions?
    • ⤷ How do I select the correct wire gauge for a 30A DU321 installation?