データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DW34-R

  • AI
    The **DW34-R** typically refers to a high-speed, high-resolution **rotary encoder** or a specific **brushless motor controller** variant used in industrial automation and CNC machinery. Below is an overview of the electronic components and technical specifications associated with this hardware. --- ### 1. Key Electronic Components The internal circuitry of a DW34-R device generally consists of the following modules: | Component Type | Description | Function | | :--- | :--- | :--- | | **ASIC / Processor** | Specialized Integrated Circuit | Processes raw signals into digital data (TTL/HTL). | | **LED Emitter** | Infrared Light Source | Projects light through the encoder disk to sensors. | | **Photodetector Array** | Optical Sensors | Converts light pulses into electronic square waves. | | **Output Driver** | Line Driver (e.g., RS422) | Ensures signal integrity over long cable distances. | | **Voltage Regulator** | DC-DC Converter | Stabilizes input power (typically 5V or 10-30V). | --- ### 2. Technical Specifications Electronic performance is measured by the accuracy of the output signals. * **Resolution:** Often ranges from 1024 to 8192 Pulses Per Revolution (PPR). * **Interface:** Incremental (A, B, Z channels) or Absolute (SSI/BiSS). * **Frequency Response:** Typically up to 300 kHz. * **Protection Circuitry:** Built-in reverse polarity protection and short-circuit proof outputs. --- ### 3. Wiring and Connection Layout The electronic interface usually follows a standardized color-coding or pinout for industrial integration: ```yaml Pin Configuration (Example): 1: Vcc (Power Supply +) 2: GND (0V) 3: Phase A (Signal) 4: Phase B (Signal - 90° Offset) 5: Phase Z (Index/Reference) 6: Shield (Grounding) ``` --- ### 4. Application Context In electronic systems, the DW34-R serves as the "eyes" of the machine. It is used to provide **closed-loop feedback** to a PLC (Programmable Logic Controller) or a VFD (Variable Frequency Drive) to ensure the motor has reached the exact position commanded by the software.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the DW34-R connector?
    • ⤷ Does the DW34-R support RS422 or Open Collector output?
    • ⤷ What are the power consumption requirements for this specific model?