データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • DWB-UJS-R2

  • AI
    The **DWB-UJS-R2** is a specific electronic sub-assembly, typically identified as a **USB and Audio Jack Daughterboard** used in laptop hardware (specifically associated with certain Acer and gateway models). These boards are designed to offload peripheral connectivity from the main motherboard to save space and improve modularity. --- ### 1. Key Electronic Components The board functions as an interface bridge. Its primary electronic parts include: | Component Type | Description | Function | | :--- | :--- | :--- | | **USB Type-A Port** | USB 2.0 or 3.0 female connector. | Data transfer and peripheral connection. | | **3.5mm Audio Jack** | TRRS (Tip-Ring-Ring-Sleeve) combo jack. | Headphone output and Microphone input. | | **Ribbon Cable Header** | Multi-pin ZIF or FPC connector. | Interface for the flat flex cable (FFC) to the motherboard. | | **SMD Capacitors** | Small surface-mount ceramic capacitors. | Filtering electrical noise and stabilizing voltage. | | **ESD Diodes** | Electrostatic Discharge protection components. | Protects internal circuitry from static shocks when plugging in devices. | --- ### 2. Technical Specifications & Architecture The DWB-UJS-R2 operates as a passive/semi-active pass-through. Here is the typical architecture: #### A. Connectivity Layout The board is connected to the mainboard via a **Flex Ribbon Cable**. * **Data Lines:** Differential pairs for USB signals ($D+$ and $D-$). * **Audio Lines:** Left, Right, Ground, and Mic signals. * **Power Rail:** Typically $5V$ for the USB port and a low-voltage rail ($1.8V$ - $3.3V$) for audio sensing. #### B. Component Identification Code ```text Part Number: DWB-UJS-R2 Common Labels: LS-HxxxxP / NBX000xxxx Compatibility: Acer Aspire, Gateway series ``` --- ### 3. Common Failure Points Because this board houses physical ports, it is subject to mechanical and electrical stress: 1. **Mechanical Fatigue:** The solder joints on the USB port or Audio jack can crack after repeated use. 2. **Oxidation:** Moisture entering the 3.5mm jack can cause "phantom" headphone detection (where the laptop thinks headphones are plugged in when they aren't). 3. **Fuse/Inductor Failure:** If a USB device draws too much current, tiny surface-mount inductors (filters) on this board may "blow" to protect the mainboard. ---
    ✨ Follow-up Questions
    • ⤷ How do I test if the DWB-UJS-R2 board or the ribbon cable is faulty?
    • ⤷ What are the specific laptop models compatible with this part?
    • ⤷ Can the USB port on this board be upgraded to a higher speed version?