データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • E2-1-R

  • AI
    The **E2-1-R** typically refers to a specific model of an **Industrial Limit Switch** or a **Push Button Switch**, often manufactured by companies like Eaton (Cutler-Hammer) or similar industrial control providers. Below is a breakdown of its electronic components, specifications, and functions. --- ### 1. General Specifications The "E2" series usually represents a heavy-duty industrial grade component designed for high-reliability environments. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Momentary Pushbutton or Limit Switch | | **Contact Configuration** | 1 NO (Normally Open) or 1 NC (Normally Closed) | | **Voltage Rating** | 120V - 600V AC/DC | | **Current Rating** | 10A (Thermal Continuous) | | **Environmental Rating** | NEMA 3, 3R, 4, 4X, 12, 13 (Water/Oil Tight) | | **Color/Actuator** | Red (indicated by the "-R" suffix) | --- ### 2. Electronic Parts & Internal Construction #### A. Contact Block This is the core electrical element. It consists of: * **Stationary Terminals:** Where the external wiring is connected via screw clamps. * **Movable Bridge:** A conductive metal bar that moves to bridge the gap between terminals. * **Silver Alloy Contacts:** Used to minimize electrical resistance and withstand "arcing" when the circuit is opened or closed. #### B. Actuator Mechanism The "-R" signifies a **Red** actuator. In electronic logic: * **Color Coding:** Red is standard for "Stop" or "Emergency" functions. * **Spring Return:** Most E2-1 models are "momentary," meaning they return to their original state via an internal stainless steel spring once pressure is released. #### C. Housing and Sealing * **Die-cast Zinc or Polycarbonate:** The outer body is built to withstand physical impact. * **Internal Gaskets:** Rubber seals (often Neoprene or Viton) prevent oil, water, or dust from reaching the internal electronic contacts. --- ### 3. Wiring Logic The E2-1-R is a simple electromechanical device. It does not contain integrated circuits (ICs) but acts as a physical gate for electricity. ```mermaid graph LR Input[Line Voltage] --> Switch{E2-1-R Switch} Switch -- Pressed --> Output[Motor/Relay Coil] Switch -- Released --> Open[Circuit Broken] ``` --- ### 4. Typical Applications * **Emergency Stop:** Due to the red color, it is frequently used in safety shut-off circuits. * **Control Panels:** Used in CNC machines or conveyor belts to trigger a "Stop" command to a PLC (Programmable Logic Controller). * **Industrial Interlocks:** Ensuring a machine cannot start unless a door is closed (if used as a limit switch).
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Normally Open (NO) and Normally Closed (NC) contact block in this model?
    • ⤷ How do NEMA ratings like 4X affect the durability of the E2-1-R?
    • ⤷ Can the contact blocks on the E2-1-R be stacked or replaced?