データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • E200-R11-C1PR

  • AI
    The **E200-R11-C1PR** is an industrial-grade **Edge Computing System** developed by ASUS under their **PE200 series** (specifically the PE200U family). This device is designed for high-endurance IoT applications, featuring a fanless design and high-performance processing capabilities. --- ### Core Electronic Specifications The E200-R11-C1PR is built around a robust internal architecture suited for automation, smart retail, and edge AI. | Component | Specification | | :--- | :--- | | **Processor (CPU)** | Intel® Core™ i5-8265U (8th Gen "Whiskey Lake") | | **Base/Turbo Clock** | 1.6 GHz / Up to 3.9 GHz (4 Cores, 8 Threads) | | **Memory Support** | 2x DDR4 2400MHz SO-DIMM (Up to 32GB) | | **Graphics** | Integrated Intel® UHD Graphics 620 | | **Storage Interface** | 1x 2.5" SATA SSD/HDD, 1x M.2 (MSATA/PCIe) | | **Power Input** | 12V ~ 24V DC Wide Range Input | --- ### Key Electronic Sub-Systems #### 1. Power Regulation & Thermal Management * **Fanless Design:** The chassis acts as a giant heatsink. Internally, the CPU is thermally coupled to the aluminum housing using high-conductivity thermal pads, preventing dust intake and mechanical failure. * **Wide Voltage Input:** The internal VRM (Voltage Regulator Module) is designed to handle fluctuations between **12V and 24V**, making it compatible with industrial battery systems or unstable power grids. #### 2. Connectivity & Expansion Ports The motherboard (SBC) includes several specialized ICs to handle industrial communication protocols: * **Dual LAN:** Typically powered by Intel® I211-AT or I219-LM Ethernet controllers for stable networking. * **COM Ports:** Features RS-232/422/485 headers, essential for connecting to legacy PLC (Programmable Logic Controller) hardware. * **Expansion Slots:** * **M.2 E-key:** For Wi-Fi/Bluetooth modules. * **M.2 B-key:** For 4G/5G/LTE cellular modules. #### 3. Protection Circuitry As an industrial unit, the electronic board includes: * **Over-Voltage Protection (OVP)** * **Over-Current Protection (OCP)** * **ESD Protection:** For I/O ports to prevent damage from static discharge in factory environments. --- ### Physical I/O Layout Summary | Port Type | Quantity | Usage | | :--- | :--- | :--- | | **USB 3.1** | 4 | High-speed peripheral data | | **HDMI / DP** | 1 / 1 | Dual independent display output | | **COM (DB9)** | 2 | Serial communication (Industrial) | | **DI/DO** | Optional | Digital Input/Output for sensors |
    ✨ Follow-up Questions
    • ⤷ What are the compatible RAM modules for the E200-R11-C1PR?
    • ⤷ Does this model support AI acceleration modules like Google Coral or Intel Movidius?
    • ⤷ What are the specific environmental operating temperature limits for this device?