データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • E23-R

  • AI
    The **E23-R** is commonly identified as a specific series of **RF (Radio Frequency) Wireless Transceiver Modules**, typically based on the **Silicon Labs Si4463** or **SX1212** chipsets (depending on the specific manufacturer, such as Ebyte). These modules are designed for low-power, long-range wireless data transmission in the Sub-GHz bands. --- ### 1. Key Electronic Specifications | Feature | Typical Specification | | :--- | :--- | | **Frequency Band** | 433MHz / 868MHz / 915MHz | | **Interface** | UART (Serial) or SPI | | **Supply Voltage** | 2.1V - 5.5V DC | | **Transmit Power** | Up to 20dBm (100mW) | | **Receiving Sensitivity** | -121 dBm to -126 dBm | | **Distance** | 1.5km to 2.5km (Line of sight) | | **Communication IC** | Si4463 / SX1212 | --- ### 2. Core Components and Architecture #### A. The RF Chipset The heart of the E23-R is the **Si4463** high-performance transceiver. It handles the modulation (usually FSK, GFSK, or OOK) and demodulation of signals. It is known for its excellent phase noise and blocking performance. #### B. Impedance Matching Circuit Between the RF chip and the antenna pin, the board contains a network of high-precision inductors and capacitors. This ensures: * Maximum power transfer to the antenna. * Filtering of harmonics to meet regulatory standards (FCC/CE). #### C. Crystal Oscillator A high-stability **TCXO (Temperature Compensated Crystal Oscillator)** or a standard crystal is used to provide a precise clock frequency, which is vital for maintaining a stable wireless link across temperature fluctuations. --- ### 3. Pin Configuration (Typical UART Version) ```markdown 1. VCC - Power Supply (Positive) 2. GND - Ground 3. RXD - UART Input (Connects to MCU TX) 4. TXD - UART Output (Connects to MCU RX) 5. AUX - Status Indicator (Indicates if module is busy/idle) 6. M0 - Operating Mode Selection Pin 7. M1 - Operating Mode Selection Pin ``` --- ### 4. Operational Features * **RSSD Support:** Received Signal Strength Indicator allows the system to measure link quality. * **AEC (Auto Error Correction):** Built-in algorithms to handle packet loss and interference. * **Low Power Mode:** Supports deep sleep modes, making it ideal for battery-operated IoT sensors. ---
    ✨ Follow-up Questions
    • ⤷ How do I configure the M0 and M1 pins for different operating modes?
    • ⤷ What is the maximum data rate supported by the E23-R module?
    • ⤷ Can the E23-R be used with an Arduino or Raspberry Pi?