データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • E3A2-R3M4D

  • AI
    ## OMRON E3A2-R3M4D: Electronic Component Overview The **E3A2-R3M4D** is a high-performance, self-contained photoelectric sensor manufactured by Omron. It belongs to the E3A2 series, which is known for its versatility in power supply and high reliability in industrial environments. --- ### 1. Basic Specifications This specific model is a **Retro-reflective** sensor, meaning it requires a reflector to operate. | Feature | Specification | | :--- | :--- | | **Sensing Method** | Retro-reflective (with MSR function) | | **Sensing Distance** | 3 meters (when using E39-R1 reflector) | | **Supply Voltage** | 24 to 240 VAC / 12 to 240 VDC (Universal) | | **Output Type** | Relay Output (SPDT) | | **Control Output** | 3A at 250 VAC | | **Light Source** | Infrared LED | --- ### 2. Key Electronic Components & Internal Functions The E3A2-R3M4D contains several critical electronic sub-systems that allow it to function in diverse conditions: #### A. Multi-Voltage Power Supply Unlike standard sensors that require a specific DC voltage, the "M" in the model name indicates a **Universal Voltage** capability. It contains an internal switching regulator and rectifier that accepts both AC and DC inputs, ranging from 12V to 240V. #### B. MSR (Mirror Surface Rejection) Function The "R" in the model name signifies a polarized retro-reflective system. * **The Problem:** Shiny objects (like a tin can) can reflect light back to the sensor, tricking it into thinking no object is present. * **The Electronic Solution:** The sensor uses internal polarizing filters. It only detects light that has been rotated 90 degrees by the corner-cube reflector, ignoring direct reflections from shiny surfaces. #### C. Relay Output (SPDT) The output is a mechanical relay rather than a transistor (NPN/PNP). * **Terminal Setup:** It provides a Single Pole Double Throw (SPDT) contact. * **Electronic Benefit:** This allows for high-current switching (up to 3A) and complete electrical isolation between the sensor's power circuit and the load circuit. #### D. Built-in Timer (Optional/Model Dependent) The E3A2 series often features a small compartment behind a cover that houses: * **Potentiometers:** For sensitivity adjustment. * **DIP Switches:** To select Light-ON or Dark-ON operation modes. --- ### 3. Wiring Diagram Overview The sensor typically uses a terminal block for connections: | Terminal No. | Function | Description | | :--- | :--- | :--- | | **1 & 2** | Power Supply | 12-240V DC or 24-240V AC (Non-polar) | | **3** | Common (COM) | Relay common contact | | **4** | Normally Closed (NC) | Output active when beam is broken (Dark-ON) | | **5** | Normally Open (NO) | Output active when beam is clear (Light-ON) | --- ### 4. Application Environments Due to its **IP66** rating and robust electronic housing, this part is commonly used in: * Conveyor systems for large box detection. * Automated parking garage gate sensors. * Outdoor industrial environments where power sources may vary.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the E3A2-R3M4D and the E3A2-DS70M4D?
    • ⤷ How do I wire the relay output to a PLC input?
    • ⤷ What type of reflector is recommended for the maximum 3m sensing range?