データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • E3F2-R2RB41-P1

  • AI
    ## Overview of E3F2-R2RB41-P1 The **E3F2-R2RB41-P1** is a high-performance photoelectric sensor manufactured by Omron. It belongs to the E3F2 series, which is characterized by its cylindrical M18 housing and reliable sensing capabilities for industrial automation. --- ### Technical Specifications The following table outlines the core electronic and physical characteristics of the sensor: | Feature | Specification | | :--- | :--- | | **Sensing Method** | Retro-reflective | | **Sensing Distance** | 0.1 to 2 Meters (with Reflector) | | **Supply Voltage** | 10 to 30 VDC | | **Output Type** | PNP Open Collector | | **Operation Mode** | Dark-ON (Output turns ON when beam is interrupted) | | **Connection Method** | M12 4-pin Connector | | **Housing Material** | Plastic (ABS) | | **Degree of Protection** | IP67 (Waterproof/Dustproof) | --- ### Key Electronic Components & Functions 1. **Light Source (Emitter):** * Uses an **Infrared LED**. It emits a beam of light towards a reflector. 2. **Receiver:** * A phototransistor or photodiode tuned to the frequency of the emitter. It detects the light bouncing back from the reflector. 3. **Retro-reflective Logic:** * Since it is "Retro-reflective," both the emitter and receiver are in the same housing. If an object breaks the path between the sensor and the reflector, the sensor triggers. 4. **PNP Output Circuit:** * As a **PNP** sensor, when the output is triggered, it connects the load to the positive voltage (V+). This is common in European industrial standards. 5. **Protection Circuitry:** * **Reverse Polarity Protection:** Prevents damage if the power wires are swapped. * **Short-circuit Protection:** Protects the internal transistor if the output is accidentally grounded. --- ### M12 Connector Pinout (Standard) The P1 suffix indicates a plug-in connector. The wiring typically follows this standard: | Pin Number | Color | Function | | :--- | :--- | :--- | | **1** | Brown | Power Supply (+V) | | **2** | White | Not Connected / Control | | **3** | Blue | Power Ground (0V) | | **4** | Black | Output (PNP) | --- ### Typical Wiring Logic ```mermaid graph LR A[Power +24VDC] --> B(Brown - Pin 1) C[Ground 0V] --> D(Blue - Pin 3) E(Black - Pin 4) --> F[Load/PLC Input] F --> C ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Dark-ON and Light-ON modes for this sensor?
    • ⤷ Which specific reflector model is recommended for the E3F2-R2RB41-P1?
    • ⤷ Can this sensor be used to detect transparent objects?