データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • E3F3-R66

  • AI
    ### Overview of E3F3-R66 The **E3F3-R66** is a high-performance photoelectric sensor, typically manufactured by OMRON. It belongs to the E3F3 series, which features a compact M18 cylindrical housing and utilizes **Retro-reflective** sensing technology. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Sensing Method** | Retro-reflective (requires a reflector) | | **Sensing Distance** | 0.1 to 2 meters (standard) | | **Operating Voltage** | 12 to 24 VDC | | **Output Type** | NPN / PNP (Depending on specific wiring configuration) | | **Operation Mode** | Light-ON / Dark-ON (Selectable via wiring) | | **Housing Material** | Plastic (ABS) or Metal (depending on sub-model) | | **Connection** | M12 Connector (4-pin) | --- ### Electronic Characteristics #### 1. Sensing Technology The E3F3-R66 uses a **Red LED** light source. It emits a beam toward a reflector; if an object breaks the path of the reflected light, the sensor triggers its output. This makes it ideal for detecting opaque objects. #### 2. Output Circuit Configuration The "R66" designation usually indicates a DC 3-wire or 4-wire system with an M12 plug-in connector. * **Load Current:** Maximum 100mA. * **Protection:** Includes Power Supply Reverse Polarity Protection and Output Short-Circuit Protection. #### 3. Connector Pinout (M12 4-pin) Standard wiring for this electronic part follows this logic: | Pin Number | Wire Color | Function | | :--- | :--- | :--- | | **1** | Brown | +V (12-24 VDC) | | **2** | White | Control Output (Secondary) | | **3** | Blue | 0V (GND) | | **4** | Black | Control Output (Primary) | --- ### Application Usage * **Conveyor Systems:** Counting boxes or detecting jams. * **Packaging Machinery:** Verifying the presence of containers. * **Automated Gates:** Detecting the passage of vehicles or pedestrians. --- ### Circuit Example (NPN Connection) ```python # Simplified Logic Representation If (Light_Path == Blocked) and (Mode == Dark-ON): Output_Pin = HIGH Else: Output_Pin = LOW ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output in the E3F3 series?
    • ⤷ Which reflector models are compatible with the E3F3-R66?
    • ⤷ How do I switch the sensor between Light-ON and Dark-ON modes?