データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • E3JM-R4M4

  • AI
    ## Overview of the Omron E3JM-R4M4 The **Omron E3JM-R4M4** is a high-performance, rectangular photoelectric sensor. It is categorized as a **Retro-reflective sensor**, meaning it emits a light beam toward a reflector and detects objects when the beam is interrupted. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Sensing Method** | Retro-reflective (with MSR function) | | **Sensing Distance** | 4 meters (when using the E39-R1 reflector) | | **Power Supply Voltage** | 12 to 240 VDC or 24 to 240 VAC (Universal) | | **Output Type** | Relay Output (SPDT) | | **Switching Capacity** | 3A at 250 VAC / 3A at 30 VDC | | **Response Time** | 20 ms maximum | | **Light Source** | Red LED (660 nm) | | **Enclosure Rating** | IP66 (IEC 60529) | --- ### 2. Internal Electronic Components & Operation The E3JM-R4M4 is sophisticated because it combines both high-voltage power handling and sensitive optical electronics in one housing. #### A. Power Supply Circuit (Universal) The "M4" series features a **switching power supply** that allows it to operate on a wide range of voltages (12V to 240V). This eliminates the need for separate AC or DC models. #### B. The MSR (Mirror Surface Rejection) Function This is a critical electronic feature. It uses internal **polarizing filters** to ensure that the sensor only detects light reflected from the designated reflector. - **Benefit:** If a shiny object (like a chrome bumper or stainless steel sheet) passes in front of the sensor, the electronic circuit rejects the reflection, correctly identifying it as an "object present" rather than a "reflector." #### C. Output Relay (SPDT) Unlike NPN/PNP transistor outputs, the R4M4 uses a physical **Relay**. - **Terminals:** It provides a Single Pole Double Throw (SPDT) contact. - **Wiring:** Contains Common (COM), Normally Open (NO), and Normally Closed (NC) contacts. --- ### 3. Wiring Diagram Structure The sensor uses a terminal block for connections, accessible by removing the side cover. ```text Terminal Number | Function ----------------|---------------------------- 1 | Power Supply (L1 / +) 2 | Power Supply (L2 / -) 3 | Relay Common (COM) 4 | Relay Normally Closed (NC) 5 | Relay Normally Open (NO) ``` --- ### 4. Adjustments and Indicators The electronic module includes manual controls for fine-tuning performance: 1. **Sensitivity Adjuster:** A potentiometer to increase or decrease the sensing threshold. 2. **Operation Mode Switch:** Allows the user to toggle between: * **Light-ON:** Relay energizes when the receiver sees the light. * **Dark-ON:** Relay energizes when the beam is broken. 3. **LED Indicators:** * **Light Indicator (Red):** Lights up when the output is active. * **Stability Indicator (Green):** Lights up when the light received is stable (well above the threshold), ensuring reliable operation.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the E3JM-R4M4 and the E3JM-R4M4-T model?
    • ⤷ How do you wire the E3JM-R4M4 for a 24V DC PLC input?
    • ⤷ Can this sensor detect transparent objects like glass bottles?