データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • E3JM-R4M4-US

  • AI
    ## Overview of the Omron E3JM-R4M4-US The **E3JM-R4M4-US** is a high-performance photoelectric sensor developed by Omron. It belongs to the E3JM family, which is known for its built-in power supply and versatile output options, making it a staple in industrial automation for long-distance sensing. --- ### 1. Key Technical Specifications The E3JM-R4M4-US is a **Retro-reflective** sensor. This means it emits a beam of light that must bounce off a reflector and return to the sensor head to detect an object. | Feature | Specification | | :--- | :--- | | **Sensing Method** | Retro-reflective (with MSR function) | | **Sensing Distance** | Up to 4 Meters (when using E39-R1 reflector) | | **Supply Voltage** | 12 to 240 VDC / 24 to 240 VAC (Universal) | | **Output Type** | Relay Output (SPDT) | | **Light Source** | Infrared LED | | **Connection Type** | Terminal Block (Conduit G 1/2) | | **Response Time** | 20 ms Max. | --- ### 2. Core Electronic Components & Functions The internal electronics of the E3JM-R4M4-US are divided into three primary stages: #### A. The Power Supply Unit (Universal Input) Unlike standard sensors that require a specific 24VDC power source, this model contains a **multi-voltage transformer/rectifier circuit**. It can handle both AC and DC inputs ranging from low voltage to high mains voltage. #### B. The Sensing Logic (MSR Function) This specific model features **MSR (Mirror Surface Rejection)**. * **Electronic Logic:** The sensor uses a polarizing filter. * **Function:** It only accepts light reflected back by the specific reflector. This prevents "false positives" caused by shiny objects (like a stainless steel can) passing in front of the sensor, which might otherwise reflect light back and trick a standard sensor. #### C. The Output Relay The "M4" designation indicates a **Relay Output**. * **Mechanical Component:** A built-in Single Pole Double Throw (SPDT) relay. * **Capacity:** It can switch loads up to 3A at 250VAC. This allows the sensor to directly trigger heavy-duty alarms, motors, or contactors without needing an intermediate PLC or external relay. --- ### 3. Wiring Configuration The unit uses a terminal block for connections. Below is the typical pin-out logic: | Terminal No. | Function | Description | | :--- | :--- | :--- | | **1 & 2** | Power Input | Connect to Power Source (AC or DC) | | **3** | Common (COM) | The shared terminal for the relay | | **4** | Normally Closed (NC) | Output is ON when no object is detected | | **5** | Normally Open (NO) | Output is ON when an object is detected | --- ### 4. Adjustments and Indicators * **Sensitivity Potentiometer:** A small screw on the electronic board allows the user to fine-tune the sensing range. * **LED Indicators:** * **Light Indicator (Red):** Lights up when the receiver is picking up light. * **Stability Indicator (Green):** Lights up when the light level is stable (well above the threshold), ensuring reliable operation. * **Operation Mode Switch:** Allows switching between **Light-ON** (output triggers when light hits the sensor) and **Dark-ON** (output triggers when the beam is broken). ---
    ✨ Follow-up Questions
    • ⤷ How does the Mirror Surface Rejection (MSR) function technically distinguish between a reflector and a shiny metal object?
    • ⤷ What are the advantages of using the Relay output version (M4) over the Transistor output version (S4)?
    • ⤷ Can the E3JM-R4M4-US be used for transparent object detection
    • ⤷ such as clear glass bottles?