データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • E3S-R62

  • AI
    ## Technical Overview of the E3S-R62 Sensor The **E3S-R62** is a high-performance photoelectric sensor manufactured by Omron, specifically designed for detecting transparent objects (like glass or clear plastic bottles). It belongs to the E3S-R series and utilizes a retro-reflective sensing method. ### 1. Key Specifications The electronic characteristics of the E3S-R62 are optimized for high-speed industrial automation. | Feature | Specification | | :--- | :--- | | **Sensing Method** | Retro-reflective with MSR (Mirror Surface Rejection) | | **Sensing Distance** | 100 mm to 2 meters (depending on reflector used) | | **Light Source** | Red LED (660 nm) | | **Supply Voltage** | 12 to 24 VDC ±10% | | **Current Consumption** | 40 mA maximum | | **Output Type** | NPN / PNP (Switchable or model dependent) | | **Response Time** | 1 ms maximum | --- ### 2. Internal Electronic Components The device integrates several sophisticated electronic stages to ensure accuracy: * **MSR (Mirror Surface Rejection):** This is a critical electronic feature. It uses built-in polarizing filters. The sensor only receives light that has been rotated 90 degrees by the corner-cube reflector, allowing it to ignore "false positives" from shiny or mirrored surfaces. * **Sensitivity Adjustment:** Equipped with a multi-turn potentiometer. This allows the user to fine-tune the threshold, which is essential when trying to detect very thin or highly transparent films. * **Protection Circuitry:** * **Reverse Polarity Protection:** Prevents damage if the power leads are swapped. * **Output Short-circuit Protection:** Protects the internal transistors if the load is shorted. * **Mutual Interference Protection:** Allows two sensors to be mounted close together without triggering each other. --- ### 3. Connection Diagram & Wiring The E3S-R62 typically uses a standard 3-wire or 4-wire configuration. ```markdown Wire Color | Function | Description -----------|---------------|-------------------------- Brown | +V | Power Supply (12-24 VDC) Blue | 0V | Ground (Common) Black | Output (Control)| Connects to PLC Input / Load Pink | Mode Select | Light-ON / Dark-ON selection ``` ### 4. Operation Modes The sensor's logic can be toggled electronically: 1. **Light-ON:** The output is active when the light beam reaches the receiver (no object present). 2. **Dark-ON:** The output is active when the light beam is interrupted (object detected). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP outputs in this sensor?
    • ⤷ How do I calibrate the sensitivity for extremely thin plastic films?
    • ⤷ Which reflectors are compatible with the E3S-R62 to achieve the maximum 2m range?