データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • E53-R4R4

  • AI
    The **E53-R4R4** is a specific digital output expansion module designed for use with **Omron E5_N-H / E5_AN-H / E5_EN-H** series Temperature Controllers. It provides specialized relay outputs to expand the control capabilities of the main unit. --- ### 1. Key Technical Specifications The E53-R4R4 is characterized by its dual-relay configuration. Unlike standard control output units, this specific model is typically used for auxiliary functions. | Parameter | Specification | | :--- | :--- | | **Output Type** | Relay Output (Form A - SPST-NO) | | **Number of Outputs** | 2 Independent Channels | | **Max Switching Capacity** | 250 VAC, 2 A (Resistive Load) | | **Electrical Life** | 100,000 operations minimum | | **Compatible Series** | E5AN-H, E5EN-H (Modular slot type) | | **Mounting Type** | Internal Plug-in Slot | --- ### 2. Internal Electronic Design The internal circuitry of the E53-R4R4 focuses on isolation and switching reliability: * **Electromechanical Relays:** It uses physical mechanical relays to provide complete galvanic isolation between the controller logic and the high-voltage load. * **Optoisolation:** The internal input signal from the temperature controller CPU is isolated via optocouplers before reaching the relay coil drivers to prevent EM noise feedback. * **Gold-Clad Contacts:** Often uses high-reliability contacts to handle low-current signals if necessary, though it is primarily rated for 2A power switching. --- ### 3. Application Use Cases Because the "R4R4" signifies two relay outputs, it is commonly used for: 1. **Multi-Stage Alarms:** Assigning different temperature thresholds to two different physical sirens or lights. 2. **Heating and Cooling:** Using one relay to trigger a heater contactor and the second to trigger a cooling fan or valve. 3. **Event Outputs:** Sending signals to a PLC (Programmable Logic Controller) to indicate "Process Running" or "Error Detected." --- ### 4. Connection Diagram (General Layout) The module inserts into the back of the controller. The wiring terminals are usually labeled as follows: ```text [ Terminal Row ] | 11 | 12 | --> Output 1 (Relay A) | 13 | 14 | --> Output 2 (Relay B) ``` *Note: Since these are dry contact relays, you must provide external power to the load circuit.*
    ✨ Follow-up Questions
    • ⤷ How do I install the E53-R4R4 into an Omron E5AN controller?
    • ⤷ What is the difference between E53-R4R4 and E53-Q4Q4?
    • ⤷ Can I use this module for PID control of a solid-state relay?