データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • E5C2-R20K

  • AI
    The **E5C2-R20K** is a popular analog temperature controller manufactured by **Omron Industrial Automation**. It is widely used in basic heating applications due to its simplicity, compact size, and reliability. --- ## 1. Core Technical Specifications This device is an ON/OFF or PD (Proportional-Derivative) controller designed for panel mounting. | Feature | Specification | | :--- | :--- | | **Input Type** | Type K Thermocouple (Chromel/Alumel) | | **Control Mode** | ON/OFF or PD (Selectable on some models) | | **Output Type** | Relay Output (SPDT) | | **Supply Voltage** | 100–120 VAC or 200–240 VAC (Model dependent) | | **Contact Rating** | 3A at 250 VAC (Resistive load) | | **Setting Method** | Analog Dial (Potentiometer) | | **Mounting** | 8-pin Round Socket (DIN track or flush mount) | --- ## 2. Key Electronic Components & Functions ### A. The Input Stage (Thermocouple Interface) The "R20K" designation specifically identifies the input as a **Type K Thermocouple**. * **Cold Junction Compensation:** Internally, the circuit compensates for the ambient temperature at the controller terminals to ensure accurate readings. * **Burnout Protection:** The device is designed to detect a broken thermocouple wire; if the circuit opens, the controller usually forces the output OFF for safety. ### B. The Control Mechanism (Analog Comparator) Unlike modern digital controllers that use microprocessors and PID algorithms, the E5C2-R20K uses **analog circuitry**: * **Potentiometer:** The front dial is a high-precision variable resistor that sets the reference voltage (Setpoint). * **Comparator:** An internal Op-Amp compares the voltage generated by the thermocouple against the reference voltage. * **Hysteresis:** In ON/OFF mode, it has a built-in fixed hysteresis (usually around 2°C) to prevent the relay from "chattering" or switching too rapidly when the temperature is near the setpoint. ### C. Output Stage (Electromechanical Relay) The controller uses an internal **SPDT (Single Pole Double Throw) Relay**: * **Pin 1 & 8:** Power Supply. * **Pin 3, 4, 5:** Relay contacts (Common, Normally Open, Normally Closed). * **Pin 6(+) & 7(-):** Thermocouple Input. --- ## 3. Advantages and Limitations ### Advantages * **Ease of Use:** No complex menus or programming; simply turn the dial. * **Longevity:** Fewer digital components mean less susceptibility to firmware glitches. * **Standard Form Factor:** Fits standard 48x48mm (1/16 DIN) cutouts. ### Limitations * **Precision:** Analog dials are less precise than digital displays. * **Overshoot:** Because it lacks full PID tuning, the temperature may "overshoot" the setpoint initially. * **No Feedback:** There is no digital display to show the *current* actual temperature; only an "OUT" LED to indicate when the heater is active. --- ## 4. Typical Wiring Diagram (8-Pin) ```text (Relay Output) /--[4] NO (Normally Open) [3] COM --[5] NC (Normally Closed) (Power Supply) [1] AC L1 [8] AC L2 (Input) [6] TC (+) (Type K - Yellow) [7] TC (-) (Type K - Red) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between ON/OFF and PD control in this model?
    • ⤷ How do I troubleshoot an E5C2 if the OUT light is blinking rapidly?
    • ⤷ Can I use a PT100 sensor with the E5C2-R20K model?