データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • E5CS-R1KJX-F

  • AI
    ## Analysis of the Omron E5CS-R1KJX-F Temperature Controller The **E5CS-R1KJX-F** is a member of the Omron E5CS series. It is a compact, digital temperature controller (1/16 DIN size) designed for basic industrial thermal control applications. --- ### 1. Key Technical Specifications | Feature | Specification Details | | :--- | :--- | | **Control Type** | ON/OFF or proportional (P) control | | **Input Type** | Thermocouple (Type K or J) | | **Output Type** | Relay Output (SPDT, 250 VAC, 3A) | | **Supply Voltage** | 100 to 240 VAC (50/60 Hz) | | **Size** | 48 x 48 mm (1/16 DIN) | | **Display** | 3.5-digit LED (Red) | | **Setting Method** | Digital thumbwheel or DIP switches (model dependent) | --- ### 2. Breakdown of the Model Code Understanding the "Electronic Parts" of this device requires decoding its nomenclature: * **E5CS**: Series name (Compact Digital Temperature Controller). * **R**: Relay Output. This indicates the internal electronic switching mechanism is a mechanical relay. * **1**: One control point (standard). * **KJ**: Input Type. This specific model is configured for **K** and **J** type thermocouples. * **X**: Indicates specific internal hardware revisions or simplified settings. * **F**: Often denotes "Finger-safe" terminal covers or specific safety compliance. --- ### 3. Internal Components and Operation The device consists of several critical electronic sub-systems: 1. **Power Supply Unit:** A switching power supply that converts high-voltage AC input into low-voltage DC (typically 5V or 12V) to power the internal logic. 2. **A/D Converter:** Since thermocouples provide a millivolt signal, the internal circuitry uses a high-precision Analog-to-Digital converter to translate temperature into digital data. 3. **Microprocessor:** The "brain" that compares the current temperature against the set point and decides whether to trigger the output. 4. **Relay Output:** An electromagnetic coil and contact set. When the heat is "ON," the processor energizes the coil to close the circuit to the heater or contactor. 5. **Cold Junction Compensation:** Electronic sensors at the terminal block that adjust for the ambient temperature at the controller to ensure thermocouple accuracy. --- ### 4. Wiring Overview To implement this part, you generally follow this terminal logic: ```text Terminals 1-2: Power Supply (100-240 VAC) Terminals 3-5: Relay Output (Common, NO, NC) Terminals 7-9: Thermocouple Input (+ and -) ``` ---
    ✨ Follow-up Questions
    • ⤷How do I switch between K and J type thermocouple settings on this model?
    • ⤷ What is the difference between the Relay output (R) and a Voltage output (Q) in this series?
    • ⤷ How do I calibrate the temperature offset if the reading is slightly inaccurate?