AI

The **E5CS-R2TU-W** is a digital temperature controller from Omron’s E5CS series. It is designed for simple "on/off" or "proportional" (P) control in industrial applications.
Below is a breakdown of its electronic components, specifications, and wiring characteristics.
---
### 1. Technical Specifications
The model name "E5CS-R2TU-W" provides specific details about its electronic hardware:
| Feature | Specification |
| :--- | :--- |
| **Control Output** | **Relay Output (R):** SPST-NO, 250 VAC, 3 A (resistive load) |
| **Alarm Outputs** | **2 Alarms (2):** Two independent relay alarm outputs |
| **Input Type** | **Thermocouple/RTU (TU):** Multi-input (K, J, L, Pt100, JPt100) |
| **Supply Voltage** | 100 to 240 VAC (50/60 Hz) |
| **Case Color** | **White (W):** Light gray/white housing |
| **Size** | 1/16 DIN (48 x 48 mm) |
---
### 2. Key Electronic Parts & Functions
#### A. Input Section (Sensor Interface)
The unit features a universal input circuit that can be configured via internal DIP switches or front-panel settings. It handles:
* **Thermocouples:** K (Chromel/Alumel), J (Iron/Constantan), or L.
* **Platinum Resistance Thermometers (RTD):** Pt100 or JPt100.
* **A/D Converter:** Converts the analog millivolt (TC) or resistance (RTD) signal into a digital value for the microprocessor.
#### B. Control & Processing
* **Microprocessor:** Executes the control logic. While the E5CS is a "simple" controller, it uses digital sampling to determine if the measured temperature is above or below the Set Point (SP).
* **Control Modes:** Supports ON/OFF control (with a fixed hysteresis) or P (Proportional) control to reduce overshoot.
#### C. Output Section (Actuation)
* **Main Relay:** An internal mechanical relay rated for 3 Amps. This is used to trigger external contactors or small heaters.
* **Alarm Relays:** Two auxiliary relays used for safety alerts (e.g., High-limit or Low-limit alarms).
#### D. Display and Interface
* **3.5 Digit LED:** A bright red 7-segment display shows the Process Value (PV).
* **Status Indicators:** LEDs indicating "OUT" (control output status), "ALM1", and "ALM2".
---
### 3. Connection Diagram Overview
The wiring is typically handled through a 11-pin circular socket or rear terminals.
```text
Terminals (General Representation):
1-2: Power Supply (100-240VAC)
3-5: Control Output (Relay - Normally Open)
6-8: Alarm 1 / Alarm 2 Outputs
9-11: Input Terminals (Thermocouple or RTD)
```
---
### 4. Precautions for Electronic Integrity
* **Noise Filtering:** To protect the internal electronics from electromagnetic interference (EMI), ensure high-voltage power lines are kept separate from the sensor input wires.
* **Relay Life:** Since this model uses a mechanical relay, its lifespan is finite (typically 100,000 operations). If high-frequency switching is required, an SSR (Solid State Relay) output model would be better.
---
- ⤷How do I change the input type between Thermocouple and Pt100 on this model?
- ⤷ What is the difference between the R2TU and the Q2TU models?
- ⤷ Can I use this controller for a DC 24V power supply?