AI

## Overview of Omron E5CS-RKJDU-W
The **E5CS-RKJDU-W** is a compact, digital temperature controller manufactured by Omron. It belongs to the E5CS series, known for its simple operation using rotary switches and DIP switches rather than complex digital menus.
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Type** | Thermocouple (K, J, L) |
| **Control Output** | Relay Output (SPST-NO, 250 VAC, 3A) |
| **Power Supply** | 24 VAC / VDC |
| **Size** | 1/16 DIN (48 x 48 mm) |
| **Control Mode** | ON/OFF or PID (with auto-tuning) |
| **Display** | 3.5-digit LED display |
---
### Internal Electronic Components & Architecture
The E5CS-RKJDU-W consists of several key electronic subsystems that allow it to process thermal signals and manage high-power loads.
#### 1. Input Processing Circuit
* **A/D Converter:** Converts the analog millivolt signal from the Thermocouple (K, J, or L type) into a digital value.
* **Cold Junction Compensation (CJC):** An internal thermistor that measures the terminal temperature to compensate for the ambient temperature at the connection point, ensuring accurate thermocouple readings.
#### 2. Main Processing Unit (MCU)
* The microprocessor executes the **PID (Proportional-Integral-Derivative)** control algorithm.
* It handles the **Auto-tuning** feature, which calculates the thermal constants of the system to prevent temperature overshooting.
#### 3. Output Stage
* **Electromechanical Relay:** The "R" in the model name signifies a relay output. This is a physical switch capable of handling up to 3 Amps.
* **Protection Circuits:** Includes varistors or snubbers to reduce electrical noise and protect the internal contacts during switching.
#### 4. Interface & Configuration
* **Rotary Switches:** Used to set the Set Point (SV) manually without navigating digital menus.
* **DIP Switches:** Located on the side/bottom of the unit to configure:
* Control mode (ON/OFF vs. PID).
* Input type selection (K, J, or L).
* Direct/Reverse action (Heating vs. Cooling).
#### 5. Power Supply Section
* **Step-down Transformer/Regulator:** Converts the 24V AC/DC input into stable low-voltage DC (typically 5V or 3.3V) to power the logic chips and the LED display.
---
### Terminal Configuration
The back of the device features screw terminals for physical wiring:
```text
[1] [2] -> Control Output (Relay)
[3] [4] -> Power Supply (24V AC/DC)
[5] [6] -> Thermocouple Input (+ / -)
```
---
- ⤷
What are the specific temperature ranges for the K and J type inputs on this model?
- ⤷ How do I switch between ON/OFF and PID control using the DIP switches?
- ⤷ What is the difference between the RKJDU-W and the QKJDU-W models?